Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E2-X5MB1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2E2-X5MB1
Description  Long Barrel Inductive Prox
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X5MB1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2E2-X5MB1 Datasheet HTML 1Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 2Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 3Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 4Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
2
Long Barrel Inductive Prox
E2E2 3-Wire DC
Rugged Inductive Prox Sensors Meet
IP67 Requirements
H
Solid potted internal circuitry withstands
shocks and water washdown to IP67
H
Thick nickel-plated brass barrel has wrench
flats for easy installation
H
High visibility indicator
H
Connector and prewired versions
Ordering Information
J
PRE-WIRED SENSORS
Type
Size
Sensing distance
Output
Part number
yp
g
p
NO
NC
Shielded
M12
2 mm
NPN
E2E2-X2C1
E2E2-X2C2
2mm
PNP
E2E2-X2B1
E2E2-X2B2
M18
5 mm
NPN
E2E2-X5C1
E2E2-X5C2
5mm
PNP
E2E2-X5B1
E2E2-X5B2
M30
10 mm
NPN
E2E2-X10C1
E2E2-X10C2
10 mm
PNP
E2E2-X10B1
E2E2-X10B2
Unshielded
M12
5 mm
NPN
E2E2-X5MC1
E2E2-X5MC2
Unshielded
5mm
PNP
E2E2-X5MB1
E2E2-X5MB2
M18
10 mm
NPN
E2E2-X10MC1
E2E2-X10MC2
10 mm
PNP
E2E2-X10MB1
E2E2-X10MB2
M30
NPN
E2E2-X18MC1
E2E2-X18MC2
18 mm
PNP
E2E2-X18MB1
E2E2-X18MB2
J
SENSORS WITH M12 CONNECTORS
Type
Size
Sensing distance
Output
Part number
yp
g
p
NO
NC
Shielded
M12
2 mm
NPN
E2E2-X2C1-M1
E2E2-X2C2-M1
2mm
PNP
E2E2-X2B1-M1
E2E2-X2B2-M1
M18
5
NPN
E2E2-X5C1-M1
E2E2-X5C2-M1
5mm
PNP
E2E2-X5B1-M1
E2E2-X5B2-M1
M30
10 mm
NPN
E2E2-X10C1-M1
E2E2-X10C2-M1
10 mm
PNP
E2E2-X10B1-M1
E2E2-X10B2-M1
Unshielded
M12
5
NPN
E2E2-X5MC1-M1
E2E2-X5MC2-M1
Unshielded
5mm
PNP
E2E2-X5MB1-M1
E2E2-X5MB2-M1
M18
10 mm
NPN
E2E2-X10MC1-M1
E2E2-X10MC2-M1
10 mm
PNP
E2E2-X10MB1-M1
E2E2-X10MB2-M1
M30
NPN
E2E2-X18MC1-M1
E2E2-X18MC2-M1
18 mm
PNP
E2E2-X18MB1-M1
E2E2-X18MB2-M1


Similar Part No. - E2E2-X5MB1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E2-X5MB1-M1 OMRON-E2E2-X5MB1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E2-X5MB1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
logo
List of Unclassifed Man...
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
PANDUIT CORP.
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
   Copper Lug-Two-Hole, Long Barrel
logo
Molex Electronics Ltd.
191640019 MOLEX-191640019 Datasheet
63Kb / 1P
   PERMA-SEAL QD MALE TERMINAL LONG BARREL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com