Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7207 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7207
Description  First-In/First-Out Dual-Port memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7207 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7207 Datasheet HTML 6Page - Integrated Device Technology IDT7207 Datasheet HTML 7Page - Integrated Device Technology IDT7207 Datasheet HTML 8Page - Integrated Device Technology IDT7207 Datasheet HTML 9Page - Integrated Device Technology IDT7207 Datasheet HTML 10Page - Integrated Device Technology IDT7207 Datasheet HTML 11Page - Integrated Device Technology IDT7207 Datasheet HTML 12Page - Integrated Device Technology IDT7207 Datasheet HTML 13Page - Integrated Device Technology IDT7207 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9, 65,536 x 9
IDT
7203
7204
7205
7206
7207
7208
XI
XI
9
18
9
WRITE (
W)
FULL FLAG (
FF)
RESET (
RS)
99
18
HF
HF
DATA
(D)
IN
READ (
R)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
DATA
(Q)
OUT
IDT
7203
7204
7205
7206
7207
7208
2661 drw15
USAGE MODES:
Width Expansion
Wordwidthmaybeincreasedsimplybyconnectingthecorrespondinginput
controlsignalsofmultipledevices. Statusflags(
EF,FFandHF)canbedetected
from any one device. Figure 13 demonstrates an 18-bit word width by using
two IDT7203/7204/7205/7206/7207/7208s. Any word width can be attained
by adding additional IDT7203/7204/7205/7206/7207/7208s (Figure 13).
Bidirectional Operation
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT7203/7204/7205/7206/7207/7208s as shown in Figure 16. Both Depth
Expansion and Width Expansion may be used in this mode.
Data Flow-Through
Two types of flow-through modes are permitted, a read flow-through and
write flow-through mode. For the read flow-through mode (Figure 17), the
FIFO permits a reading of a single word after writing one word of data into an
empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W, called the first write edge, and it remains on the bus until the R line
is raised from LOW-to-HIGH, after which the bus would go into a three-state
mode after tRHZ ns. The
EF line would have a pulse showing temporary
deassertion and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing of
asinglewordofdataimmediatelyafterreadingonewordofdatafromafullFIFO.
The
R line causes the FF to be deasserted but the W line being LOW causes
it to be asserted again in anticipation of a new data word. On the rising edge of
W, the new word is loaded in the FIFO. The W line must be toggled when FF
is not asserted to write new data in the FIFO and to increment the write pointer.
Compound Expansion
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
NOTE:
1. Flag detection is accomplished by monitoring the
FF, EF and HF signals on either (any) device used in the width expansion configuration.
Do not connect any output signals together.
Figure 12. Block Diagram of 2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9, 65,536 x 9 FIFO Used in Single Device Mode
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
IDT
7203
7204
7205
7206
7207
7208
(HALF-FULL FLAG)
2661 drw14
Figure 13. Block Diagram of 2,048 x 18, 4,096 x 18, 8,192 x 18, 16,384 x 18, 32,768 x 18, 65,536 x 18 FIFO Memory Used in Width Expansion Mode


Similar Part No. - IDT7207

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207 IDT-IDT7207 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7207 IDT-IDT7207 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7207L12DG IDT-IDT7207L12DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7207L12DGI IDT-IDT7207L12DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7207

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com