Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPA1052-D-SC Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # PPA1052-D-SC
Description  Analog Pigtailed PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PPA1052-D-SC Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  PPA1052-D-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard) PPA1052-D-SC Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
535
Ordering Information
PDA2446
-
XI
-
XX
Connector Type:
AP = Angle Polished FC/PC
AS = Angle Polished SC/PC
US = Ultra Polished SC/PC
SF = Super Polished FC/PC
Flange Type:
B = Barrel
D = 2 hole PCB mount, 12.7 mm between centers
Additional options are available to meet your specific needs. Please contact your local representative for
details.


Similar Part No. - PPA1052-D-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-DN HP-PPA1515-155-A-DN Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-FP HP-PPA1515-155-A-FP Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-SC HP-PPA1515-155-A-SC Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-ST HP-PPA1515-155-A-ST Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
More results

Similar Description - PPA1052-D-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
   Pigtailed PIN Photodiodes
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com