Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR640AX Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR640AX
Description  ULTRAFAST RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR640AX Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR640AX Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0143 Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR640AX
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MUR640AX
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
Average Rectified Output Current
@TA = 105°C
Io
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage (per element)
@IF = 6.0A
VFM
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Maximum Reverse Recovery Time (Note 1)
Trr
50
ns
Typical Junction Capacitance (Note 2)
Cj
60
pF
Max. Voltage Rate of Change
dv/dt
10,000
V/µs
Typical Thermal Resistance Junction to Ambient (Note 3)
RθJA
25
K/W
Storage Temperature Range
TSTG
-55 to +150
°C
Max. Junction Temperature
TJ
-55 to +150
°C
Approximate Weight
wt
1.02
g
Case Style
DO-201AD
Note: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Mount on Cu-Pad Size 16mm×16mm on P.C.B.


Similar Part No. - MUR640AX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR640 GOOD-ARK-MUR640 Datasheet
365Kb / 8P
   Product Specification
logo
Micro Commercial Compon...
MUR640CT MCC-MUR640CT Datasheet
92Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Shanghai Lunsure Electr...
MUR640CT CHENYI-MUR640CT Datasheet
344Kb / 2P
   6Amp super fast glass passivated rectifier 50to600 volts
logo
Kersemi Electronic Co.,...
MUR640CT KERSEMI-MUR640CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Jinan Jing Heng Electro...
MUR640CT JINGHENG-MUR640CT Datasheet
60Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - MUR640AX

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
   ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
   Ultrafast Rectifiers
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
   ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
   Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MURS320 SMC-MURS320 Datasheet
299Kb / 7P
   ULTRAFAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com