Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T111165 Datasheet(PDF) 1 Page - E-SWITCH

Part # T111165
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T111165 Datasheet(HTML) 1 Page - E-SWITCH

  T111165 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP3T1B3M2RE
2:1
7/24/2009
T111165
A
BLR
1
1
PANEL
Without Locking
Ring
With Standard
Locking Ring
A
18590
RELEASED FOR PRODUCTION
7/24/09
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) Max. @20V Max. (AC or DC)
6. LIFE EXPECTANCY: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. CONTACT RESISTANCE: 10 MILLI-OHMS MAX
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3
OPEN
2-1
2
1
3
CIRCUIT: SPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
8.89
[.350 in]
7.10
[.280 in]
12.70
[.500 in]
6.86
[.270 in]
12.20
[.480 in]
4.70
[.185 in]
n1.85
[.073 in]
TYP.
RECOMENDED PC MOUNTING
6.60
[.260 in]
4.70
[.185 in]
4.70
[.185 in]
.76
[.030 in]
1.27
[.050 in]
EPOXY SEAL
1/4 - 40 UNS-2A
THREADS
RATING
POS. 1
POS. 2
POS. 3
6.10
[.240 in]
n6.35
[.250 in]
n2.38
[.094 in]
n 6.35
[n .250 in]
.85
[.033 in]
.55
[.022 in]
2.92
[.115 in]
n
25°


Similar Part No. - T111165

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T111162 E-SWITCH-T111162 Datasheet
121Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111163 E-SWITCH-T111163 Datasheet
113Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111164 E-SWITCH-T111164 Datasheet
114Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111166 E-SWITCH-T111166 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111167 E-SWITCH-T111167 Datasheet
207Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T111165

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com