Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT0412 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # PDT0412
Description  Connectorized PIN Photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT0412 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  PDT0412 Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
506
B
DIMENSION MIN. MAX.
A
B
C
D
E
F
G
9.5
23.0
13.5
12.5
3.1
2.4
3.9
DIMENSION MIN. MAX.
H
∅I
∅J
∅K
∅L
∅M
N
12.0
0.41
6.9
2.54 NOM.
2.2
17.5
0.47
7.0
8.6
2.4
18.5
∅M
G
A
N
∅L
C
F
E
D
H
∅K ∅J ∅I
ALL DIMENSIONS IN mm.
C
A
DIMENSION MIN. MAX.
A
B
C
∅D
E
∅F
∅G
H
12.0
0.41
M8 X 0.75
13.35
19.5
9.5
15
9.1
0.47
13.55
DIMENSION MIN. MAX.
∅J
L
M
N
P
∅Q
∅R
2.08
2.54 NOM.
2.32
1.65
2.2
6.8
8.2
4.2
∅Q
∅J
∅R
B
H
E
N
P
∅G
∅D
∅F
M
L
ALL DIMENSIONS IN mm.
PDT Mechanical Outline Options
PDT0X1X-FC-A
PDT0X1X-SC-A Plastic Housing


Similar Part No. - PDT0412

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT040A0X4-SR-P-HZ LINEAGEPOWER-PDT040A0X4-SR-P-HZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
More results

Similar Description - PDT0412

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com