Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J0024D21NL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # J0024D21NL
Description  RoHS peak wave solder temperature rating 260C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0024D21NL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  J0024D21NL Datasheet HTML 1Page - Pulse A Technitrol Company J0024D21NL Datasheet HTML 2Page - Pulse A Technitrol Company J0024D21NL Datasheet HTML 3Page - Pulse A Technitrol Company J0024D21NL Datasheet HTML 4Page - Pulse A Technitrol Company J0024D21NL Datasheet HTML 5Page - Pulse A Technitrol Company J0024D21NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
J0 Series Electrical Schematics (continued)
����������������������������������������������
�������
�������
�������
�������
�������
������
�������
�������
������
�������
���������
��������
�������
�������
�������
������������������������������������
������������������������������������������
����������
�������������������������������������
��
��
��
��
TD+
PCB CT
TD–
1 : 1
1 : 1
TRANSMIT
RECEIVE
RX –
RD –
RD + 2
3
PCB CT
TX –
TX +
1
2
3
6
4
5
7
8
75
75
75
75
5
4
1
0.001 µF
RX +
CABLE
CABLE
8
6
7
LED Configuration
PulseJackTM
1x1 Tab-DOWN RJ45
J0035
J0073
www.pulseelectronics.com
6
J403.J (3/11)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. Pulse and the Squarewave logo are trademarks of Pulse Electronics
Corporation, registered in the U.S. and other countries. © Copyright, 2011. Pulse Electronics Corporation. All rights reserved.
For More Information:
Pulse
North American
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
32667
TEL: 886 3 4643715
FAX: 886 3 4641911
Pulse China
Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
TEL: 86 21 32181071
FAX: 86 21 32181396
Pulse European
Headquarters
Einsteinstrasse 1
D-71083 Herrenberg
Germany
TEL: 49 7032 7806 0
FAX: 49 7032 7806 12


Similar Part No. - J0024D21NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0024D21NL PULSE-J0024D21NL Datasheet
373Kb / 6P
   10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
More results

Similar Description - J0024D21NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J20-0014NL PULSE-J20-0014NL Datasheet
1Mb / 12P
   RoHS peak wave solder temperature rating 260C
H304 PULSE-H304 Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
JC0-0063NL PULSE-JC0-0063NL Datasheet
274Kb / 5P
   RoHS-5 peak wave solder temperature rating 235C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
   RoHS peak reflow temperature rating 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
   RoHS peak reflow temperature rating 245
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com