Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-3111 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # MSA-3111
Description  Silicon Bipolar RFIC Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-3111 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  MSA-3111 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-3111 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6-486
Typical Performance for MSA-3185, MSA-3186
Figure 2. Power Gain vs. Current at
25
°C.
Figure 3. Typical P1dB vs. Frequency at
25
°C.
Figure 1. Power Gain vs. Frequency at
Four Temperatures, ID = 29 mA.
FREQUENCY (GHz)
0.1
0
1.0
4.0
30
25
5
10
15
20
85°C
25°C
-55°C and -25°C
I (mA)
D
40
25
30
16
12
24
20
30
26
14
18
22
28
20
35
1.0 GHz
0.5 GHz
10
0.1 GHz
2.0 GHz
FREQUENCY (GHz)
0.1
0
1.0
4.0
14
2
8
10
25 mA
6
4
12
40 mA
35 mA
30 mA
20 mA
Figure 4. Noise Figure vs. Frequency
at ID = 29 mA.
Figure 5. Power Gain, Noise Figure,
and P1dB vs. Temperature at 1 GHz and
ID = 29 mA.
Figure 6. ID vs. VD at Four
Temperatures.
FREQUENCY (GHz)
0.1
1.0
4.0
3
4
5
20 mA
40 mA
AMBIENT TEMPERATURE (°C)
85
25
9
19
18
8
10
17
-25
6
4
5
3
P
G
16
NF
1dB
P
0
0
30
10
20
V (VOLTS)
D
40
16
5
4
3
2
50
25°C
-25°C
-55°C
85°C
7


Similar Part No. - MSA-3111

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
MSA-3111-BLK AVAGO-MSA-3111-BLK Datasheet
185Kb / 7P
   Lead-free Option Available
MSA-3111-BLKG AVAGO-MSA-3111-BLKG Datasheet
185Kb / 7P
   Lead-free Option Available
MSA-3111-TR1 AVAGO-MSA-3111-TR1 Datasheet
185Kb / 7P
   Lead-free Option Available
MSA-3111-TR1G AVAGO-MSA-3111-TR1G Datasheet
185Kb / 7P
   Lead-free Option Available
More results

Similar Description - MSA-3111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-20XX HP-MSA-20XX Datasheet
127Kb / 8P
   Silicon Bipolar RFIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
   Silicon Bipolar RFIC Amplifiers
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
   Silicon Bipolar RFIC 900 MHz Driver Amplifier
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com