Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGI3236 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FGI3236
Description  EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGI3236 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FGI3236 Datasheet HTML 2Page - Fairchild Semiconductor FGI3236 Datasheet HTML 3Page - Fairchild Semiconductor FGI3236 Datasheet HTML 4Page - Fairchild Semiconductor FGI3236 Datasheet HTML 5Page - Fairchild Semiconductor FGI3236 Datasheet HTML 6Page - Fairchild Semiconductor FGI3236 Datasheet HTML 7Page - Fairchild Semiconductor FGI3236 Datasheet HTML 8Page - Fairchild Semiconductor FGI3236 Datasheet HTML 9Page - Fairchild Semiconductor FGI3236 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
10.29
9.65
B 1.78
1.14
SEE NOTE "G"
B 0.90
0.64
2.54
5.08
B 3.96
2.80
14.73
12.70
9.65
8.64
1.40
1.00
2.13
7.88
6.86
8.33
6.22
1
2
3
0.254 A M B
A
1.40
1.14
B 0.64
0.33
4.83
4.06
2.79
2.03
B
NOTES:
A. EXCEPT WHERE NOTED CONFORMS TO
TO262 JEDEC VARIATION AA.
B DOES NOT COMPLY JEDEC STD. VALUE.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. DIMENSION AND TOLERANCE AS PER ANSI
Y14.5-1994.
F. LOCATION OF PIN HOLE MAY VARY
(LOWER LEFT CORNER, LOWER CENTER
AND CENTER OF PACKAGE)
G. MAXIMUM WIDTH FOR F102 DEVICE = 1.35 MAX.
H. DRAWING FILE NAME: TO262A03REV5
DRAWING NUMBER
TO262 3LD JEDEC
VARIATION AA
MKT-TO262A03
APPROVED:
BOBOY MALDO
BY HUANG
HOWARD ALLEN
CHECKED:
DRAWN:
PROJECTION
INCH
[MM]
APPROVALS
FORMERLY:
SCALE
DATE
11FEB2010
SIZE
N/A
SHEET : 1 OF 1
REV
THIS DRAWING IS THE PROPERTY OF FAIRCHILD SEMICONDUCTOR CORPORATION. NO USE
THEREOF SHALL BE MADE OTHER THAN AS A REFERENCE FOR PROPOSALS AS SUBMITTED
TO FAIRCHILD SEMICONDUCTOR CORPORATION FOR JOBS TO BE EXECUTED IN CONFORMITY
WITH SUCH PROPOSALS UNLESS THE CONSENT OF SAID FAIRCHILD SEMICONDUCTOR COR-
COPIED OR DUPLICATED OR ITS CONTENTS DISCLOSED. THE INFORMATION CONTAINED
PORATION HAS PREVIOUSLY BEEN OBTAINED. NO PART OF THIS DRAWING SHALL BE
ON THIS DRAWING IS CONFIDENTIAL AND PROPRIETARY.
KH LEE
1:1 N/A
APPROVED:
5


Similar Part No. - FGI3236

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGI3040G2-F085 ONSEMI-FGI3040G2-F085 Datasheet
811Kb / 13P
   ECOSPARK 2 300 mJ, 400 V, N-Channel Ignition IGBT
July, 2022 - Rev. 4
More results

Similar Description - FGI3236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com