Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGI3236 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGI3236
Description  EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGI3236 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGI3236 Datasheet HTML 1Page - Fairchild Semiconductor FGI3236 Datasheet HTML 2Page - Fairchild Semiconductor FGI3236 Datasheet HTML 3Page - Fairchild Semiconductor FGI3236 Datasheet HTML 4Page - Fairchild Semiconductor FGI3236 Datasheet HTML 5Page - Fairchild Semiconductor FGI3236 Datasheet HTML 6Page - Fairchild Semiconductor FGI3236 Datasheet HTML 7Page - Fairchild Semiconductor FGI3236 Datasheet HTML 8Page - Fairchild Semiconductor FGI3236 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FGB3236_F085 / FGI3236_F085 Rev. A
1
www.fairchildsemi.com
4
Typical Performance Curves
Figure 1. Self Clamped Inductive Switching
Current vs. Time in Clamp
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SCIS Curves valid for Vclamp Voltages of <410V
T
J = 150
oC
T
J = 25
oC
tCLP, TIME IN CLAMP (µS)
R
G = 1K, VGE = 5V
Figure 2.
0246
8
10
0
5
10
15
20
25
30
35
SCIS Curves valid for Vclamp Voltages of <410V
T
J = 150
oC
T
J = 25
oC
L, INDUCTANCE (mHy)
R
G = 1K, VGE = 5V
Self Clamped Inductive Switching
Current vs. Inductance
Figure 3.
-75 -50 -25
0
25
50
75 100 125 150 175
1.00
1.05
1.10
1.15
1.20
1.25
I
CE = 6A
V
GE = 8V
V
GE = 5V
V
GE = 4.5V
V
GE = 4.0V
V
GE = 3.7V
TJ, JUNCTION TEMPERTURE (
oC)
Collector to Emitter On-State Voltage
vs. Junction Temperature
Figure 4.
-75 -50 -25
0
25
50
75 100 125 150 175
1.20
1.25
1.30
1.35
1.40
1.45
I
CE = 10A
V
GE = 8V
V
GE = 5V
V
GE = 4.5V
V
GE = 4.0V
V
GE = 3.7V
T
J, JUNCTION TEMPERTURE (
oC)
Collector to Emitter On-State Voltage
vs. Junction Temperature
Figure 5.
01
234
0
10
20
30
40
50
TJ = -40
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Collector to Emitter On-State Voltage
vs. Collector Current
Figure 6. Collector to Emitter On-State Voltage
vs. Collector Current
01
234
0
10
20
30
40
50
TJ = 25
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)


Similar Part No. - FGI3236

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGI3040G2-F085 ONSEMI-FGI3040G2-F085 Datasheet
811Kb / 13P
   ECOSPARK 2 300 mJ, 400 V, N-Channel Ignition IGBT
July, 2022 - Rev. 4
More results

Similar Description - FGI3236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com