Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA8205 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA8205
Description  Industrial UHF ASK/FSK Receiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8205 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA8205_14 Datasheet HTML 5Page - ATMEL Corporation ATA8205_14 Datasheet HTML 6Page - ATMEL Corporation ATA8205_14 Datasheet HTML 7Page - ATMEL Corporation ATA8205_14 Datasheet HTML 8Page - ATMEL Corporation ATA8205_14 Datasheet HTML 9Page - ATMEL Corporation ATA8205_14 Datasheet HTML 10Page - ATMEL Corporation ATA8205_14 Datasheet HTML 11Page - ATMEL Corporation ATA8205_14 Datasheet HTML 12Page - ATMEL Corporation ATA8205_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
ATA8203/ATA8204/ATA8205 [DATASHEET]
9121D–INDCO–09/14
5.
Receiving Characteristics
The RF receiver Atmel® ATA8203/ATA8204/ATA8205 can be operated with and without a SAW front-end filter. In a typical
automotive application, a SAW filter is used to achieve better selectivity and large signal capability. The receiving frequency
response without a SAW front-end filter is illustrated in Figure 5-1 “Narrow Band Receiving Frequency Response ATA8204”.
This example relates to ASK mode. FSK mode exhibits a similar behavior. The plots are printed relatively to the maximum
sensitivity. If a SAW filter is used, an insertion loss of about 3dB must be considered, but the overall selectivity is much
better.
When designing the system in terms of receiving bandwidth, the LO deviation must be considered as it also determines the
IF center frequency. The total LO deviation is calculated, to be the sum of the deviation of the crystal and the XTO deviation
of the Atmel ATA8203/ATA8204/ATA8205. Low-cost crystals are specified to be within ±90ppm over tolerance, temperature,
and aging. The XTO deviation of the Atmel ATA8203/ATA8204/ATA8205 is an additional deviation due to the XTO circuit.
This deviation is specified to be ±10ppm worst case for a crystal with CM = 7fF. If a crystal of ±90ppm is used, the total
deviation is ±100ppm in that case. Note that the receiving bandwidth and the IF-filter bandwidth are equivalent in ASK mode
but not in FSK mode.
Figure 5-1. Narrow Band Receiving Frequency Response ATA8204
6.
Polling Circuit and Control Logic
The receiver is designed to consume less than 1 mA while being sensitive to signals from a corresponding transmitter. This
is achieved using the polling circuit. This circuit enables the signal path periodically for a short time. During this time the bit-
check logic verifies the presence of a valid transmitter signal. Only if a valid signal is detected, the receiver remains active
and transfers the data to the connected microcontroller. If there is no valid signal present, the receiver is in sleep mode most
of the time resulting in low current consumption. This condition is called polling mode. A connected microcontroller is
disabled during that time.
All relevant parameters of the polling logic can be configured by the connected microcontroller. This flexibility enables the
user to meet the specifications in terms of current consumption, system response time, data rate etc.
The receiver is very flexible with regards to the number of connection wires to the microcontroller. It can be either operated
by a single bi-directional line to save ports to the connected microcontroller or it can be operated by up to five uni-directional
ports.
(MHz)
430
431
432
433
434
435
436
437
438
4.5V -40°C
5.0V -40°C
5.5V -40°C
4.5V 25°C
5.0V 25°C
5.5V 25°C
-40
-30
-20
-70
-60
-50
-10
0
10
Image Rejection versus RF Frequency


Similar Part No. - ATA8205_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8205P6-TKQY ATMEL-ATA8205P6-TKQY Datasheet
850Kb / 46P
   Industrial UHF ASK/FSK Receiver
More results

Similar Description - ATA8205_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8203 ATMEL-ATA8203 Datasheet
850Kb / 46P
   Industrial UHF ASK/FSK Receiver
ATA8203 ATMEL-ATA8203_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
ATA8204 ATMEL-ATA8204_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com