Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6844 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6844
Description  BLDC Motor Driver and LIN System Basis Chip
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6844 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6844_14 Datasheet HTML 1Page - ATMEL Corporation ATA6844_14 Datasheet HTML 2Page - ATMEL Corporation ATA6844_14 Datasheet HTML 3Page - ATMEL Corporation ATA6844_14 Datasheet HTML 4Page - ATMEL Corporation ATA6844_14 Datasheet HTML 5Page - ATMEL Corporation ATA6844_14 Datasheet HTML 6Page - ATMEL Corporation ATA6844_14 Datasheet HTML 7Page - ATMEL Corporation ATA6844_14 Datasheet HTML 8Page - ATMEL Corporation ATA6844_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
9189J-AUTO-05/14
Features
Broad operation voltage range from 5.25V to 32V
Atmel® ATA6843 temperature range TJ = 150°C
Atmel ATA6844 extended temperature range TJ = 200°C
Direct driving of six external NMOS transistors with a maximum switching
frequency of 50kHz
Integrated charge pump to provide gate voltages for high-side drivers and to supply
the gate of the external battery reverse protection NMOS
Built-in 5V/3.3V voltage regulator with current limitation
Reset signal for the microcontroller
Sleep Mode with supply current of typically < 45µA
Wake-up via LIN bus or high voltage input
Programmable window watchdog
Battery overvoltage protection and battery undervoltage management
Overtemperature warning and protection (shutdown)
Jump start compatible
200mA peak current for each output driver
LIN transceiver conformal to LIN 2.1 and SAEJ2602-2 with outstanding EMC and
ESD performance
QFN48 package 7mm
× 7mm
ATA6843/ATA6844
BLDC Motor Driver and LIN System Basis Chip
DATASHEET


Similar Part No. - ATA6844_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6842 ATMEL-ATA6842 Datasheet
661Kb / 29P
   Automotive Failsafe System IC
ATA6842-PLQW ATMEL-ATA6842-PLQW Datasheet
661Kb / 29P
   Automotive Failsafe System IC
ATA6842-PLSW ATMEL-ATA6842-PLSW Datasheet
661Kb / 29P
   Automotive Failsafe System IC
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
More results

Similar Description - ATA6844_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
logo
Freescale Semiconductor...
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com