Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6832C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6832C
Description  High Temperature Triple Half-bridge Driver with SPI and PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6832C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6832C_14 Datasheet HTML 4Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 5Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 6Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 9Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 10Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 11Page - ATMEL Corporation ATA6832C_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ATA6832C [PRELIMINARY DATASHEET]
9216E–AUTO–12/13
8
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Value
Unit
Supply voltage
10, 11
VVS
–0.3 to +40
V
Supply voltage
t < 0.5s; IVS > –2A
10, 11
VVS
–1
V
Logic supply voltage
9
VVCC
–0.3 to +7
V
Logic input voltage
3, 4, 5, 6
VCS, VDI, VCLK,
VPWM
–0.3 to VVCC + 0.3
V
Logic output voltage
7
VDO
–0.3 to VVCC + 0.3
V
Input current
3, 4, 5, 6
ICS, IDI, ICLK,
IPWM
–10 to +10
mA
Output current
7
IDO
–10 to +10
mA
Output current
2, 12, 15
IOut1, IOut2, IOut3
Internally limited, see output
specification
Output voltage
2, 12, 15
IOut1, IOut2, IOut3
–0.3 to +40
V
Reverse conducting current
(tpulse = 150µs)
2, 12, 15
IOut1, IOut2, IOut3
17
A
Junction temperature range
Tj
–40 to +200
°C
Storage temperature range
TSTG
–55 to +200
°C
Ambient temperature range
Ta
–40 to +150
°C
5.
Thermal Resistance
Parameters
Test Conditions
Symbol
Value
Unit
Thermal resistance from junction to
case
RthJC
5
k/W
Thermal resistance from junction to
ambient
Depends on the PC board
RthJA
40
K/W
6.
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage
VVS
VUV(1) to 40
V
Logic supply voltage
VVCC
4.75 to 5.25
V
Logic input voltage
VCS, VDI, VCLK, VPWM
–0.3 to VVCC
V
Serial interface clock frequency
fCLK
2
MHz
PWM input frequency
fPWM
max. 25
kHz
Junction temperature range
Tj
–40 to +200
°C
Note:
1.
Threshold for undervoltage description


Similar Part No. - ATA6832C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
397Kb / 17P
   Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
ATA6832-PIQW ATMEL-ATA6832-PIQW Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832-PIQW ATMEL-ATA6832-PIQW Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
More results

Similar Description - ATA6832C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com