Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805-4-F4 Datasheet(PDF) 1 Page - NEC

Part # PS2805-4-F4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2805-4-F4 Datasheet(HTML) 1 Page - NEC

  PS2805-4-F4 Datasheet HTML 1Page - NEC PS2805-4-F4 Datasheet HTML 2Page - NEC PS2805-4-F4 Datasheet HTML 3Page - NEC PS2805-4-F4 Datasheet HTML 4Page - NEC PS2805-4-F4 Datasheet HTML 5Page - NEC PS2805-4-F4 Datasheet HTML 6Page - NEC PS2805-4-F4 Datasheet HTML 7Page - NEC PS2805-4-F4 Datasheet HTML 8Page - NEC PS2805-4-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P12278EJ6V0DS00 (6th edition)
Date Published May 1998 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2805-1,PS2805-4
HIGH ISOLATION VOLTAGE
AC INPUT RESPONSE TYPE
SOP PHOTOCOUPLER
©
1991
−NEPOCTM Series−
The mark
• shows major revised points.
DESCRIPTION
The PS2805-1 and PS2805-4 are optically coupled isolators containing GaAs light emitting diodes and an NPN
silicon phototransistor in a plastic SOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SOP, Pin pitch 1.27 mm)
• High collector to emitter voltage (VCEO = 80 V)
• AC input response
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option): PS2805-4 only
• Ordering number of taping product: PS2805-1-F3, F4, PS2805-4-F3, F4
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
•Hybrid IC


Similar Part No. - PS2805-4-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-4-F3 RENESAS-PS2805-4-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805-4-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2765-1 NEC-PS2765-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2865-1 CEL-PS2865-1 Datasheet
334Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2765-1 RENESAS-PS2765-1 Datasheet
260Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2865-1 RENESAS-PS2865-1 Datasheet
242Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com