Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LST2527-S4-B-SF Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # LST2527-S4-B-SF
Description  Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2527-S4-B-SF Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  LST2527-S4-B-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2527-S4-B-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2527-S4-B-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2527-S4-B-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2527-S4-B-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2527-S4-B-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
521
Limits
Parameter
Symbol
Test Condition
Min.
Max.
Units
Laser Forward Current
If
DC
120
mA
Laser Reverse Voltage
Vlr
DC
2
V
Photodiode Reverse Voltage
Vr
DC
20
V
Photodiode Forward Current
Ipf
DC
1
mA
Operating Temperature
Tc
Temperature measured at case
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Relative Humidity
RH
noncondensing
%RH
Fiber Pull Strength
Three times; 10 sec.
10
N
Mechanical Shock
MIL-STD-883D, Method 2002,
500
G
Condition A
Vibration
MIL-STD-883D, Method 2007,
20
G
Condition A
Absolute Maximum Ratings
Absolute limiting (maximum) ratings mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods,
provided that each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be
assumed that limiting values of more than one parameter can be applied to the product at the same time.
Performance Specifications
LST252X
LST282X
LST292X
LST3521
LST3821
LST3921
Parameter
Symbol
Test Condition
Min. Max. Min. Max. Min. Max. Units
LASER
CW, Tc = –40
°C to
+85
°C, Po as noted
below unless otherwise
stated
Rated Optical Power
Po
Tc = ranges specified
0.2
1.0
1.6
mW
above, CW
Threshold Current
Ith
Tc = +25
°C
3.5
10
3.5
10
3.5
10
mA
Threshold Current
Ith
1.5
30
1.5
30
1
30
mA
Coupled Power in
Pth
If = Ith – 2 mA
10
10
10
µW
“Off” State
Slope Efficiency
η
Tc = +25
°C
10
16
508080
128
µW/mA
Drive Current above
Id
Tc = +25
°C
12.5
20
12.5
20
12.5
20
mW
Ith, for Im = Im
(Po, +25
°C)
Tc = –40
°C to +85°C
10
33.3
10
33.3
10
33.3
mA
Forward Voltage
Vf
1.6
1.6
1.6
V
Center Wavelength
λ
Tc = +25
°C
1286 1336 1286 1336 1286 1336
nm
Tc = –40
°C to +85°C
1260 1360 1260 1360 1260 1360
nm
Wavelength/
∆λ/∆T
0.4
0.4
0.4
nm/
°C
Temperature
Coefficient
Spectral Width
σ
One sigma, RMS
2.5
2.5
2.5
nm
Rise and Fall Time
τ
10-90%, Ith to Po
0.5
0.5
0.5
ns


Similar Part No. - LST2527-S4-B-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425A-B-AP HP-LST2425A-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425A-T-AP HP-LST2425A-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-B-AP HP-LST2425B-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-T-AP HP-LST2425B-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results

Similar Description - LST2527-S4-B-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com