Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5749 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5749_14 Datasheet HTML 3Page - ATMEL Corporation ATA5749_14 Datasheet HTML 4Page - ATMEL Corporation ATA5749_14 Datasheet HTML 5Page - ATMEL Corporation ATA5749_14 Datasheet HTML 6Page - ATMEL Corporation ATA5749_14 Datasheet HTML 7Page - ATMEL Corporation ATA5749_14 Datasheet HTML 8Page - ATMEL Corporation ATA5749_14 Datasheet HTML 9Page - ATMEL Corporation ATA5749_14 Datasheet HTML 10Page - ATMEL Corporation ATA5749_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
ATA5749/ATA5749C [DATASHEET]
9128I–RKE–04/14
4.
Application
4.1
Typical Application
Figure 4-1. Typical Application Circuit
Figure 4-1 shows the typical application circuit. For C6, the supply-voltage blocking capacitor, value of 68nF X7R is
recommended. C2 and C3 are NPO capacitors used to match the loop antenna impedance to the power amplifier optimum
load impedance. They are based on the PCB trace antenna and are ≤ 20pF NPO capacitors. C1 (typically 1nF X7R) is
needed for the supply blocking of the PA. In combination with L1 (200nH to 300nH), they prevent the power amplifier from
coupling to the supply voltage and disturbing PLL operation. They should be placed close to pin 5. L1 also provides a low
resistive path to VS to deliver the DC current to ANT1.
CLK_DRV
PFD
ASK_mod
433_N315
FREQ[0:14]
PWR[0:3]
FSK_mod
DIV_CNTRL
SCK
XTO2
XTO1
XTAL
VS
GND
EN
ANT2
ANT1
SDIN_TXDIN
CLK
XTO_RDY
CLK
IO3
IO2
IO1
3
4
C1
VS
VS
C2
C3
C5
C4
C6
L1
5
2
1
8
7
6
9
10
Fractional-N-PLL
CLK_ON
FSEP[0:7]
4 or 8
1
Digital
Control
and
Registers
Frac.
Div.
XTO
(FOX)
Power
up/down
CP
LP
VCO
PA
Loop
antenna
Micro-
controller
Atmel ATA5749
XTO Signal


Similar Part No. - ATA5749_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749_10 Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
More results

Similar Description - ATA5749_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_09 Datasheet
606Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_10 Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
logo
NXP Semiconductors
OL2300 NXP-OL2300 Datasheet
1Mb / 46P
   Fractional-N PLL based transmitter
Rev. 2-28 October 2010
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com