Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LST2925-S4-T-DN Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LST2925-S4-T-DN
Description  Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2925-S4-T-DN Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LST2925-S4-T-DN Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2925-S4-T-DN Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2925-S4-T-DN Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2925-S4-T-DN Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2925-S4-T-DN Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2925-S4-T-DN Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
520
Coaxial Pigtailed Laser Module
Technical Data
LST252X - 200
µW Coaxial Laser
LST282X - 1 mW Coaxial Laser
LST292X - 1.6 mW Coaxial Laser
LST3X21 - Dual-in-Line Package
Features
• Compact Coaxial Package
• Strained Multi Quantum
Well (SMQW) Laser Chip
• Low Thresholds Current and
Operating Currents
• Wide Operating Tempera-
ture -40
°C to +85°C
• Optical Power May Be
Customized up to 2 mW
• Modulation Capability up to
622 Mb/s
• Convenient Variety of
Pinout and Mounting Flange
Options
Applications
• Telecommunications
• Fiber in the Loop
• Inter/Intra Office
• SONET/SDH
• Datacommunications
• Switches
Description
Products in the LST2X2X family
are compact coaxial pigtailed
laser transmitters, operating in
the 1300 nm wavelength region
and coupling light to single mode
fiber. They are designed for use
in short, medium and long
distance networks with bit rates
up to 622 Mb/s.
The device features a high
reliability SMQW laser diode and
rear facet monitor photodiode.
These are electrically connected
to four pins in an industry-
standard configuration.
Environmental performance is
designed to be compatible with
the requirements of Bellcore’s
TA-NWT-000983 document.
Options within the LST2X2X
family offer pinouts and pin
rotational orientations designed
to match existing products
available on the market. We also
offer a comprehensive range of
alternative mounting flanges
including a dual in line option.
If the specific arrangement or
performance you require is not
listed, please contact your local
representative as our highly
flexible design and manufacturing
processes allow both physical and
electro-optical customization to
meet your needs.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
5965-7336E (4/97)


Similar Part No. - LST2925-S4-T-DN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425A-B-AP HP-LST2425A-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425A-T-AP HP-LST2425A-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-B-AP HP-LST2425B-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-T-AP HP-LST2425B-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results

Similar Description - LST2925-S4-T-DN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com