Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-S500-H0B00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-S500-H0B00
Description  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S500-H0B00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-S500-H0B00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S500-H0B00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S500-H0B00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S500-H0B00 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-155
Figure 1. Relative Intensity vs. Wavelength.
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas
and
ηv is the luminous efficacy in lumens/watt.
4. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.
Sym.
Description
Device HLMP-
Min. Typ.
Max.
Units
Test Conditions
η
V
Luminous
AlGaAs Red
80
Efficacy
High Efficiency Red
145
Orange
380
lumens/
See Note 3
Yellow
500
watt
Green
595
Emerald Green
656
Electrical/Optical Characteristics at TA = 25°C (cont’d)
Green/
AlGaAs
High Efficiency
Emerald
Parameter
Red
Red/Orange
Yellow
Green
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Transient Forward Current[3]
500
mA
(10
µsec Pulse)
LED Junction Temperature
110
110
110
110
°C
Operating Temperature Range
-20 to +100
-20 to +100
-55 to +100
-55 to +100
°C
Storage Temperature Range
-55 to +100
-55 to +100
Lead Soldering Temperature
[1.6 mm (0.063 in.) below
260
°C for 5 seconds
seating plane]
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, Orange, and Green series derate linearly from 50
°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at
0.34 mA/
°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wire bond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the
Absolute Maximum Ratings.
Absolute Maximum Ratings at TA = 25°C
ORANGE
AlGaAs RED
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
T = 25
° C
A


Similar Part No. - HLMP-S500-H0B00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S500 HP-HLMP-S500 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
More results

Similar Description - HLMP-S500-H0B00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com