Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39533-2012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39533-2012
Description  5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 12 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39533-2012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39533-2012 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39533-2012
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Vertical Plug, Rear Wire Entry, 12 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39533
Application
N/A
Comments
Rear Wire Entry
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350523332
Physical
Circuits (Loaded)
12
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39533-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39533Series
Mates With
39531 Vertical PCB Header, 39532
Horizontal PCB Header, Most 5.08mm Pitch
Industry Standard PCB Headers, 39538
Dual Level Header, Open Ends
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39533-2012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39533-2010 MOLEX11-39533-2010 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 10 Circuits
39533-2011 MOLEX11-39533-2011 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 11 Circuits
39533-2013 MOLEX11-39533-2013 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 13 Circuits
39533-2014 MOLEX11-39533-2014 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 14 Circuits
39533-2015 MOLEX11-39533-2015 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 15 Circuits
More results

Similar Description - 39533-2012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395332012 MOLEX5-0395332012 Datasheet
138Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
39513-2012 MOLEX11-39513-2012 Datasheet
45Kb / 1P
   3.81mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 12 Circuits
39503-2012 MOLEX11-39503-2012 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 12 Circuits
0395232012 MOLEX5-0395232012 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
0395032012 MOLEX5-0395032012 Datasheet
138Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
0395132012 MOLEX5-0395132012 Datasheet
132Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
39533-2004 MOLEX11-39533-2004 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 4 Circuits
39533-2008 MOLEX11-39533-2008 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 8 Circuits
39533-2013 MOLEX11-39533-2013 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 13 Circuits
39533-2010 MOLEX11-39533-2010 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com