Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-0635 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA-0635
Description  Cascadable Silicon Bipolar MMIC Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-0635 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA-0635 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-0635 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-0635 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-0635 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-372
MSA-0635, -0636 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 16 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.1
.03
–178
20.5
10.59
171
–23.4
.068
5
.04
–44
1.05
0.2
.02
–177
20.3
10.31
161
–22.9
.071
8
.05
–68
1.04
0.3
.02
–164
20.0
9.96
152
–22.4
.076
14
.06
–87
1.04
0.4
.02
–116
19.6
9.55
144
–22.0
.079
19
.07
–104
1.03
0.5
.02
–100
19.2
9.08
136
–21.8
.081
21
.09
–114
1.04
0.6
.04
–89
18.7
8.59
128
–21.3
.086
24
.09
–123
1.04
0.8
.07
–96
17.7
7.66
115
–20.2
.098
29
.10
–140
1.03
1.0
.10
–108
16.6
6.79
103
–19.4
.107
31
.11
–156
1.02
1.5
.17
–134
14.2
5.13
79
–17.2
.138
30
.12
172
1.03
2.0
.24
–160
12.1
4.01
60
–15.8
.163
26
.12
148
1.04
2.5
.31
–178
10.3
3.26
48
–15.1
.175
27
.12
140
1.08
3.0
.37
166
8.7
2.72
34
–14.4
.190
24
.11
135
1.10
3.5
.42
151
7.4
2.33
21
–13.9
.203
19
.10
144
1.11
4.0
.46
139
6.2
2.04
9
–13.3
.216
16
.08
167
1.11
4.5
.48
126
5.1
1.81
–3
–12.8
.229
12
.08
–173
1.11
5.0
.52
110
4.2
1.62
–15
–12.2
.245
8
.09
–173
1.09
Note:
1. A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, Id = 16 mA.
1
02
3
4
5
Vd (V)
Figure 2. Device Current vs. Voltage.
Figure 3. Power Gain vs. Current.
0
3
6
9
12
15
18
21
0
5
10
15
20
25
Gain Flat to DC
TC = +125°C
TC = +25°C
TC = –55°C
I d (mA)
0
5
10
15
20
25
10
20
25
30
15
0.1 GHz
0.5 GHz
1.0 GHz
2.0 GHz
0
1
2
3
4
5
0
1
2
3
4
5
17
18
19
20
21
–55 –25
+25
+85
+125
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 0.5 GHz,
Id=16mA.
P1 dB
NF
GP
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
-4
0
4
8
12
Id = 20 mA
Id = 30 mA
Id = 12 mA
Id = 16 mA
2.5
2.0
3.0
3.5
4.0
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
4.0
Id= 12 mA
Id= 16 mA, 30 mA
Id= 20 mA
Typical Performance, TA = 25°C
(unless otherwise noted)


Similar Part No. - MSA-0635

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSA-0635 ETC-MSA-0635 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
More results

Similar Description - MSA-0635

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
Broadcom Corporation.
MSA-0370 BOARDCOM-MSA-0370 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
Agilent(Hewlett-Packard...
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
Agilent(Hewlett-Packard...
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0435 HP-MSA-0435 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0370 HP-MSA-0370 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0735 HP-MSA-0735 Datasheet
76Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0835 HP-MSA-0835 Datasheet
54Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0700 HP-MSA-0700 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com