Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR1456HA Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR1456HA
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1456HA Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR1456HA Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1456HA Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
46
Transmitters and receivers are
directly compatible with popular
“industry-standard” connectors:
ST, SMA, SC and FC. They are
completely specified with
multiple fiber sizes; including
50/125
µm, 62.5/125 µm, 100/
140
µm, and 200 µm.
Complete evaluation kits are
available for ST and SMA product
offerings; including transmitter,
receiver, connectored cable, and
technical literature. In addition,
ST and SMA connectored cables
are available for evaluation.
Low Cost, Miniature Fiber
Optic Components with ST
®,
SMA, SC and FC Ports
Technical Data
HFBR-0400 Series
Features
• Meets IEEE 802.3 Ethernet
and 802.5 Token Ring
Standards
• Low Cost Transmitters and
Receivers
• Choice of ST®, SMA, SC or
FC Ports
• 820 nm Wavelength
Technology
• Signal Rates up to 175
Megabaud
• Link Distances up to 4 km
• Specified with 50/125
µm,
62.5/125
µm, 100/140 µm,
and 200
µm HCS® Fiber
• Repeatable ST Connections
within 0.2 dB Typical
• Unique Optical Port Design
for Efficient Coupling
• Auto-Insertable and Wave
Solderable
• No Board Mounting Hard-
ware Required
• Wide Operating
Temperature Range
-40
°C to 85°C
• AlGaAs Emitters 100%
Burn-In Ensures High
Reliability
• Conductive Port Option with
the SMA and ST Threaded
Port Styles
Applications
• Local Area Networks
• Computer to Peripheral
Links
• Computer Monitor Links
• Digital Cross Connect Links
• Central Office Switch/PBX
Links
• Video Links
• Modems and Multiplexers
• Suitable for Tempest
Systems
• Industrial Control Links
Description
The HFBR-0400 Series of compo-
nents is designed to provide cost
effective, high performance fiber
optic communication links for
information systems and
industrial applications with link
distances of up to 4 kilometers.
With the HFBR-24X6, the 125
MHz analog receiver, data rates
of up to 175 megabaud are
attainable.
ST® is a registered trademark of AT&T.
HCS® is a registered trademark of the SpecTran Corporation.
5965-1655E (1/97)


Similar Part No. - HFBR1456HA

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1521 HP-HFBR1521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1522 HP-HFBR1522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1523 HP-HFBR1523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1524 HP-HFBR1524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1525 HP-HFBR1525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR1456HA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com