Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805-1-F4 Datasheet(PDF) 6 Page - NEC

Part # PS2805-1-F4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2805-1-F4 Datasheet(HTML) 6 Page - NEC

Back Button PS2805-1-F4 Datasheet HTML 2Page - NEC PS2805-1-F4 Datasheet HTML 3Page - NEC PS2805-1-F4 Datasheet HTML 4Page - NEC PS2805-1-F4 Datasheet HTML 5Page - NEC PS2805-1-F4 Datasheet HTML 6Page - NEC PS2805-1-F4 Datasheet HTML 7Page - NEC PS2805-1-F4 Datasheet HTML 8Page - NEC PS2805-1-F4 Datasheet HTML 9Page - NEC PS2805-1-F4 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS2805-1,PS2805-4
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
–50
0
100
–25
25
50
75
0
0.6
1.2
0.2
0.4
1.0
0.8
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
tf
ts
tr
td
VCC = 5 V,
IC = 2 mA,
CTR = 236 %
0.01
0.05 0.1
0.5
1
510
0.1
100
50
10
5
1
0.5
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
VCE = 5 V,
n = 3
0.02
100
0.1
1.0
10
100
200
50
150
250
300
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCC = 5 V,
IF = 5 mA,
CTR = 236 %
tf
ts
td
tr
1
10
100
0.1
1
10
100
1 000
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
IF = 5 mA,
TA = 25 ˚C
IF = 20 mA,
TA = 25 ˚C
IF = 5 mA,
TA = 60 ˚C
LONG TERM CTR DEGRADATION
Time (Hr)
10
2
10
3
10
4
10
5
0.6
1.2
1.0
0.8
0.2
0.4
0.0
70
0
50
60
30
40
10
20
4
2
8
6
10
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
5 mA
IF =
50
mA
10
mA
20
mA


Similar Part No. - PS2805-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1-F3 RENESAS-PS2805-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2765-1 NEC-PS2765-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2865-1 CEL-PS2865-1 Datasheet
334Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2765-1 RENESAS-PS2765-1 Datasheet
260Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2865-1 RENESAS-PS2865-1 Datasheet
242Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com