Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX20KMJ-2 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FX20KMJ-2
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FX20KMJ-2 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FX20KMJ-2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FX20KMJ-2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FX20KMJ-2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FX20KMJ-2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
–100
–1.0
–1.5
0.20
0.25
–2.0
10.3
2360
198
99
13
30
139
74
–1.0
100
±0.1
–0.1
–2.0
0.26
0.32
–2.6
–1.5
5.00
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES
ID = –1mA, VGS = 0V
VGS = ±20V, VDS = 0V
VDS = –100V, VGS = 0V
ID = –1mA, VDS = –10V
ID = –10A, VGS = –10V
ID = –10A, VGS = –4V
ID = –10A, VGS = –10V
ID = –10A, VDS = –10V
VDS = –10V, VGS = 0V, f = 1MHz
VDD = –50V, ID = –10A, VGS = –10V, RGEN = RGS = 50
IS = –10A, VGS = 0V
Channel to case
IS = –20A, dis/dt = 100A/
µs
0
10
20
30
40
50
0
200
50
100
150
0
–10
20
30
40
50
0
10
20
30
40
50
PD = 25W
VGS =
–10V
Tc = 25°C
Pulse Test
–6V
–4V
–3V
–5V
–8V
0
4
–8
–12
–16
–20
0
–4
–8
–12
–16
–20
–4V
–3V
Tc = 25°C
Pulse Test
–100
–2
–3
–5
–7
–100 –2
–101
–3 –5 –7
–2
–102
–3 –5 –7
–2
–3
–101
–2
–3
–5
–7
–102
–7
–2
–5
–2 –3 –5 –7
–2
tw =
TC = 25°C
Single Pulse
100
µs
10ms
1ms
DC
10
µs
–5V
–6V
–10V
VGS =
PD = 25W
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
MITSUBISHI Pch POWER MOSFET
FX20KMJ-2
HIGH-SPEED SWITCHING USE


Similar Part No. - FX20KMJ-2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX20KMJ-2 RENESAS-FX20KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
logo
Inchange Semiconductor ...
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
   Isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
FX20KMJ-2-A8 RENESAS-FX20KMJ-2-A8 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX20KMJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com