Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2130K1-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2130K1-G
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2130K1-G Datasheet(HTML) 3 Page - Supertex, Inc

  TN2130K1-G Datasheet HTML 1Page - Supertex, Inc TN2130K1-G Datasheet HTML 2Page - Supertex, Inc TN2130K1-G Datasheet HTML 3Page - Supertex, Inc TN2130K1-G Datasheet HTML 4Page - Supertex, Inc TN2130K1-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TN2130
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Typical Performance Curves
Output Characteristics
1.0
0.8
0.6
0.4
0.2
0
0
10
20
30
40
50
VDS (volts)
Saturation Characteristics
0.5
0.4
0.3
0.2
0.1
0
2
4
6
10
8
VDS (volts)
Maximum Rated Safe Operating Area
0
1000
100
10
0.01
0.1
1.0
0.001
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
tp (seconds)
Transconductance vs. Drain Current
1.0
0.4
0.2
0.8
0.6
0
0
0.1
0.2
ID (amperes)
VDS (volts)
Power Dissipation vs. Temperature
0
150
100
50
1.0
0.8
0.6
0.4
0.2
0
125
75
25
TA (°C)
SOT-23 (pulsed)
VGS = 10V
0
0
VGS =10V
SOT-23 (DC)
SOT-23
0.3
0.5
0.4
2V
6V
VDS
VDS = 15V
TA = 25°C
SOT-23
TA = 25°C
PD = 0.36W
TA = -55°C
25°C
125°C
2V
3V
4V
6V
8V
3V
4V


Similar Part No. - TN2130K1-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TN2130K1-G MICROCHIP-TN2130K1-G Datasheet
848Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
Revision B/ June 2020
TN2130K1-GVAO MICROCHIP-TN2130K1-GVAO Datasheet
848Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
Revision B/ June 2020
More results

Similar Description - TN2130K1-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com