Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C18551 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C18551
Description  3.3V/5V, 160 MHz, 4 output, CMOS Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C18551 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C18551 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS8733E
04/20/10
PI6C18551
3.3V/5V, 160 MHz,
4 output, CMOS Clock Buffer
Jitter (RMS @ 12KHz~20MHz)
Output phase noise vs. input (light
blue line) plot
Output RMS phase jitter=156.4fs
Input phase noise plot
Input RMS phase jitter=149.6fs
10-0157


Similar Part No. - PI6C18551

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
   3.3V/5V 1 to 4 Clock Buffer
More results

Similar Description - PI6C18551

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
   3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
B9948L CYPRESS-B9948L Datasheet
69Kb / 6P
   2.5V/3.3V, 160-MHz, 1:12 Clock Distribution Buffer
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
   3.3V/5V 1 to 4 Clock Buffer
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com