Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25LE-050S-DA Datasheet(PDF) 7 Page - 3M Electronics

Part # P25LE-050S-DA
Description  Short Form Catalog
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P25LE-050S-DA Datasheet(HTML) 7 Page - 3M Electronics

Back Button P25LE-050S-DA Datasheet HTML 3Page - 3M Electronics P25LE-050S-DA Datasheet HTML 4Page - 3M Electronics P25LE-050S-DA Datasheet HTML 5Page - 3M Electronics P25LE-050S-DA Datasheet HTML 6Page - 3M Electronics P25LE-050S-DA Datasheet HTML 7Page - 3M Electronics P25LE-050S-DA Datasheet HTML 8Page - 3M Electronics P25LE-050S-DA Datasheet HTML 9Page - 3M Electronics P25LE-050S-DA Datasheet HTML 10Page - 3M Electronics P25LE-050S-DA Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
3M.com/interconnects
7
3MBoardMount connector SolutionS
product
FeatureS
MaterialS
perForMance
Pak 50 Sockets and Headers
Series P50
• RoHS Compliant
• 20-200 Positions
• .050" Pitch
• Reliable Ribbon Contacts
• 7.0 - 30.0 mm Stack Heights
• Parallel, Perpendicular and
End-to-End Mating
• Audible Tactile “Click" for
Blind Mating
• Optional Power/Ground Pins
• Wiremount Options Available
Contact
Material: Phosphor Bronze
Insulation
Material: Glass Filled Nylon
Flammability UL 94V-0
Plating
Underplating: Nickel
Wiping Area: 10 µ" [ 0.25 µm ] Gold
Current Rating: 0.5 A
Temperature Rating: -55°C to +85°C
Pak 10 Plugs and Connectors
Series PK10
• RoHS Compliant
• 30-100 Positions
• 1.0 mm Pitch
• Optional Power/Ground Pins
• Parallel, Perpendicular and
End-to-End Mating
Contact
Material: Phosphor Bronze
Insulation
Material: Glass Filled LCP
Flammability UL 94V-0
Plating
Underplating: Nickel
Wiping Area: 2 µ" [ 0.05 µm ]
or 4 µ" [ 0.1 µm ] Minimum Gold
Current Rating: 0.5 A
Temperature Rating: -55°C to +85°C
Pak 8 Plug Connectors
Series P08
• RoHS Compliant
• 20-100 Positions
• .8 mm Pitch
• 3.0 - 8.0 mm Stack Heights
Contact
Material: Copper Alloy
Insulation
Material: High Temperature
Plastic
Flammability UL 94V-0
Plating
Underplating: 50 µ" [ 1.27 µm ] Nickel
Wiping Area: 8 µ" [0.20 µm] Gold
Current Rating: 0.5 A
Temperature Rating: -55°C to +85°C
Pak 8 Hermaphroditic Connector
Series P08
• RoHS Compliant
• 30-100 Positions
• .8 mm Pitch
• 11.5 mm Mated Height
• Mates to Itself, One Part on
the Bill of Material
Contact
Material: Phosphor Bronze
Insulation
Material: High Temperature Plastic
Flammability UL 94V-0
Plating
Underplating: 50 µ" [ 1.27 µm ] Nickel
Wiping Area: 8 µ" [ 0.20 µm ]
Minimum Gold
Current Rating: 0.5 A
Temperature Rating: -55°C to +85°C
Pak 5 Connectors
Series P05N
• RoHS Compliant
• 20-100 Positions
• .5 mm Pitch
• 3.0 - 6.0 mm Stack Height
Contact
Material: Copper Alloy
Insulation
Material: High Temperature
Thermoplastic
Flammability UL 94V-0
Plating
Underplating: 50 µ" [ 1.27 µm ] Nickel
Wiping Area: 8 µ [ 0.2 µm ] Gold
Current Rating: 0.5 A Per Contact
Temperature Rating: -55°C to +85°C
Pak 5 Plugs
Series PK5
• RoHS Compliant
• 40-160 Positions
• .5 mm Pitch
• 4.0 - 8.0 mm Stack Heights
Contact
Material: Copper Alloy
Insulation
Material: Glass filled LCP
Flammability UL 94V-0
Plating
Underplating: Nickel
Wiping Area: 2 µ" [ 0.05 µm ]
Minimum Gold over Nickel
Current Rating: 0.3 A
Temperature Rating: -55°C to +85°C


Similar Part No. - P25LE-050S-DA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
More results

Similar Description - P25LE-050S-DA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400_1 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
logo
3M Electronics
12226-5150-00PL 3M-12226-5150-00PL Datasheet
2Mb / 32P
   3M Interconnect Products Short Form Catalog
logo
NXP Semiconductors
MFRC531 PHILIPS-MFRC531 Datasheet
56Kb / 13P
   Short Form Specification
February 2002
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com