Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMV2405DAC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NMV2405DAC
Description  3kVDC Isolated 1W Single Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMV2405DAC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NMV2405DAC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMV2405DAC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMV2405DAC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMV2405DAC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NMV 24V & 48V Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_NMVC2.G01 Page 1 of 4
All enquiries: www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE
Order Code
RECOMMENDED
ALTERNATIVES
(Click to view the
MEV1 data sheet)
V
V
mA
%
mV p-p %
pF
kHrs
NOT RECOMMENDED FOR NEW DESIGNS:
NMV2412SC
24
±12
±42
10
150
80
65
134
SIP
MEV1D2412SC
NMV2405SAC
24
5
200
15
150
70
33
201
SIP
MEV1S2405SC
OBSOLETE:
NMV2405DAC
24
5
200
15
150
70
33
201
DIP
MEV1S2405DC
NMV2409DAC
24
9
111
10
150
80
40
185
DIP
MEV1S2409DC
NMV2412DAC
24
12
84
10
150
80
55
163
DIP
MEV1S2412DC
NMV2415DAC
24
15
67
10
150
80
70
136
DIP
MEV1S2415DC
NMV2409SAC
24
9
111
10
150
80
40
185
SIP
MEV1S2409SC
NMV2412SAC
24
12
84
10
150
80
55
163
SIP
MEV1S2412SC
NMV2415SAC
24
15
67
10
150
80
70
136
SIP
MEV1S2415SC
NMV4805DAC
48
5
200
15
150
70
48
213
DIP
MEV1S4805SC
NMV4809DAC
48
9
111
10
150
80
59
194
DIP
MEV1S4809SC
NMV4812DAC
48
12
84
10
150
80
70
169
DIP
MEV1S4812SC
NMV4815DAC
48
15
67
10
150
80
81
140
DIP
MEV1S4815SC
NMV4805SAC
48
5
200
15
150
70
48
213
SIP
MEV1S4805SC
NMV4809SAC
48
9
111
10
150
80
59
194
SIP
MEV1S4805SC
NMV4812SAC
48
12
84
10
150
80
70
169
SIP
MEV1S4812SC
NMV4815SAC
48
15
67
10
150
80
81
140
SIP
MEV1S4815SC
NMV2405DC
24
±5
±100
15
150
70
45
194
DIP
MEV1D2405DC
NMV2409DC
24
±9
±55
10
150
80
52
166
DIP
MEV1D2409DC
NMV2412DC
24
±12
±42
10
150
80
65
134
DIP
MEV1D2412DC
NMV2415DC
24
±15
±33
10
150
80
70
101
DIP
MEV1D2415DC
NMV2405SC
24
±5
±100
15
150
70
45
194
SIP
MEV1D2405SC
NMV2409SC
24
±9
±55
10
150
80
52
166
SIP
MEV1D2409SC
NMV2415SC
24
±15
±33
10
150
80
70
101
SIP
MEV1D2415SC
NMV4805DC
48
±5
±100
15
150
70
45
205
DIP
MEV1D4805SC
NMV4809DC
48
±9
±55
10
150
80
58
175
DIP
MEV1D4809SC
NMV4812DC
48
±12
±42
10
150
80
68
137
DIP
MEV1D4812SC
NMV4815DC
48
±15
±33
10
150
80
75
102
DIP
MEV1D4815SC
NMV4805SC
48
±5
±100
15
150
70
45
205
SIP
MEV1D4805SC
NMV4809SC
48
±9
±55
10
150
80
58
175
DIP
MEV1D4809SC
NMV4812SC
48
±12
±42
10
150
80
68
137
DIP
MEV1D4812SC
NMV4815SC
48
±15
±33
10
150
80
75
102
DIP
MEV1D4815SC
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 24V input types
21.6
24
26.4
V
Continuous operation, 48V input types
43.2
48
52.8
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
Efficiency to 85%
Power density up to 0.85W/cm3
Single or dual output
UL 94V-0 package material
No heatsink required
Footprint from 1.17cm2
Industry standard pinout
Power sharing on dual output
3kVDC isolation (1 minute)
24V & 48V input
5V, 9V, 12V and 15V output
Internal SMD construction
Fully encapsulated with toroidal
magnetics
No external components required
No electrolytic or tantalum capacitors
DESCRIPTION
The NMV series offers single or dual output ver-
sions in the same size package as the popular
NMA series. The higher isolation is particularly
useful in control type applications where the
standard 1kV is not sufficient.
MV
1W S
NOT RECOMMENDED
FOR NEW DESIGNS
R NEW DESIGNS


Similar Part No. - NMV2405DAC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV2405DA CANDD-NMV2405DA Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results

Similar Description - NMV2405DAC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com