Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5575M1 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5575M1
Description  Read/Write LF RFID IDIC 100kHz to 150kHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5575M1 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5575M1_14 Datasheet HTML 5Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 6Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 7Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 8Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 9Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 10Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 11Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 12Page - ATMEL Corporation ATA5575M1_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
ATA5575M1 [DATASHEET]
9167G–RFID–08/14
5.5
Programming
When all necessary information has been received by the Atmel® ATA5575M1, programming may proceed. There is a clock
delay between the end of the writing sequence and the start of programming.
Typical programming time is 5.6ms. This cycle includes a data verification read to grant secure and correct programming.
After successful programming, the Atmel ATA5575M1 enters byte read mode, transmitting the byte just programmed.
After validation of the command sequence, the new data will be programmed into the EEPROM memory.
Each programming cycle consists of four consecutive steps: erase byte, erase verification (data = 0), programming,
programming verification (corresponding data bits = 1).
Figure 5-5. Coil Voltage after Programming a Byte
Read programmed
memory byte
Read ID
Read ID
5.6ms
(Regular read mode)
(Byte read mode)
Programming and
data verification
Write data to tag
VCoil 1 - Coil 2


Similar Part No. - ATA5575M1_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5575M1 ATMEL-ATA5575M1 Datasheet
253Kb / 7P
   Read/Write LF RFID IDIC 100 kHz to 150 kHz
More results

Similar Description - ATA5575M1_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5575M2 ATMEL-ATA5575M2_14 Datasheet
915Kb / 25P
   Read/Write LF RFID IDIC 100kHz to 150kHz
ATA5575M2 ATMEL-ATA5575M2 Datasheet
966Kb / 26P
   Read/Write LF RFID IDIC 100kHz to 150kHz
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
ATA5577 ATMEL-ATA5577 Datasheet
204Kb / 8P
   Read/Write LF RFID IDIC 100 to 150 kHz
ATA5575M1 ATMEL-ATA5575M1 Datasheet
253Kb / 7P
   Read/Write LF RFID IDIC 100 kHz to 150 kHz
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
   Read/Write analog front end for 125kHz RFID Basestation
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com