Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LST2527-S4-B-ST Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LST2527-S4-B-ST
Description  Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2527-S4-B-ST Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LST2527-S4-B-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2527-S4-B-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2527-S4-B-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2527-S4-B-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2527-S4-B-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2527-S4-B-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
522
Performance Specifications (continued)
LST252X
LST282X
LST292X
LST3521
LST3821
LST3921
Parameter
Symbol
Test Condition
Min. Max. Min. Max. Min. Max. Units
MONITOR
Tc = +25
°C, Vr = 5 V,
PHOTODIODE
Po = Rated Power
Photocurrent
Im
200
1000
200
1000
200
1000
µA
Dark Current
Id
Po = 0
µW20
20
20
nA
Capacitance
C
1 MHz
10
10
10
pF
Tracking Error
DR
Im = Im (Po, +25
°C)
–1
+1
–1
+1
–1
+1
dB
Tc + –40
°C to + 85°C
Rise and Fall Time
tr
10-90%, Ith to Po
2
2
-
ns
Fiber Pigtail
Parameter
Minimum
Maximum
Units
Fiber Pigtail Length
1000
mm
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
1
µm
Secondary Jacket Diameter
0.8
1
mm
Effective Cutoff Wavelength
1150
1240
nm
Reliability Target
Parameter
Condition
Min.
Max.
Units
Median Life
50% inc. in total drive current, Tc = +25
°C
2x105
hours
Other Documentation
SMQW Laser Diode Reliability Datasheet
Publication number 5965-1293E
LST282X/LST292X/LST3821/LST3921
Interim Qualification Report
Publication number 5965-5374E


Similar Part No. - LST2527-S4-B-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425A-B-AP HP-LST2425A-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425A-T-AP HP-LST2425A-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-B-AP HP-LST2425B-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-T-AP HP-LST2425B-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results

Similar Description - LST2527-S4-B-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com