Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA2536T Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA2536T
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2536T Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA2536T_14 Datasheet HTML 1Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 2Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 3Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 4Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 5Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 6Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 7Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 8Page - ATMEL Corporation ATA2536T_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ATA2536T [DATASHEET]
9226C–AUTO–05/14
4.1
ESD
2000V HBM; ESD STM5.1-2007, JESD22-A114F 2008, AEC-Q100-002-Ref-D 750V CDM;
ESD STM.5.3.1-1999
4.2
Reliability
Electrical qualification (1000h at 150°C) in molded SO8 plastic package.
4.
Electrical Characteristics, 5-V Operation
Tamb = –25°C to +85°C, VS = 4.5V to 5.5V unless otherwise specified.
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Type*
5
Supply
5.1
Supply-voltage range
VS
4.5
5.0
5.5
V
C
5.2
Supply current
IIN =0
IS
0.5
0.7
0.95
mA
B
6
Output
6.1
Internal pull-up resistor
Tamb = 25°C
RPU
40
k
Ω
C
6.2
Output voltage low
R2 = 2.4kΩ
VOL
250
mV
C
6.3
Output voltage high
VOH
VS – 0.25
VS
V
C
6.4
Output current clamping
R2 = 0
IOCL
8
mA
C
7
Input
7.1
Input DC current
IIN = –370µA, VS = 4.5V
measure VIN
IIN_DCMAX
0
V
B
7.2
Input DC-current
VIN = 0; VS = 5V
Tamb = 25°C
IIN_DCMAX
–700
µA
C
7.3
Min. detection threshold
current
Test signal:
VS = 5V
Tamb = 25°C
IIN_DC = 1µA
square pp
burst N = 16
f = f0; tPER = 10ms
BER = 50(1)
IEemin
–1000
pA
B
7.4
Min. detection threshold
current with AC current
disturbance
IIN_AC100 = 3µA at
100Hz
IEemin
–2000
pA
C
7.5
Max. detection threshold
current with VIN > 0V
Test signal:
VS = 5V, Tamb = 25°C
IIN_DC =1µA
square pp
burst N = 16
f = f0; tPER = 10ms
BER = 5%(1)
IEemax
–500
µA
D
8
Controlled Amplifier and Filter
8.1
Maximum value of variable
gain (CGA)
VS = 5V, Tamb = 25°C
GVARMAX
50
dB
D
8.2
Minimum value of variable
gain (CGA)
VS = 5V, Tamb = 25°C
GVARMIN
–6
dB
D
8.3
Total internal
amplification(2)
VS = 5V, Tamb = 25°C
GMAX
72
dB
D
8.4
Resulting center frequency
fusing accuracy
f0 fused at VS = 3V
VS = 5V, Tamb = 25°C
f05V
f03V-FUSE
0.5
kHz
C
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes: 1. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
2. After transformation of input current into voltage


Similar Part No. - ATA2536T_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2516 ATMEL-ATA2516 Datasheet
152Kb / 10P
   IR Receiver ASIC
ATA2516-6AQ ATMEL-ATA2516-6AQ Datasheet
152Kb / 10P
   IR Receiver ASIC
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525R133-DDW ATMEL-ATA2525R133-DDW Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525R136-DDW ATMEL-ATA2525R136-DDW Datasheet
190Kb / 12P
   IR Receiver ASSP
More results

Similar Description - ATA2536T_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com