Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT97SC3205 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT97SC3205
Description  Trusted Platform Module ??SPI Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3205 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT97SC3205_14 Datasheet HTML 1Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 2Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 3Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 4Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 5Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 6Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 7Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 8Page - ATMEL Corporation AT97SC3205_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT97SC3205 [SUMMARY DATASHEET]
Atmel-8884AS-TPM-AT97SC3205-Datasheet-Summary_022014
2
1.
Pin Configurations and Pinouts
Table 1-1.
Pin Configurations
Figure 1-1. Pinouts
Pin Name
Function
VCC
3.3V Supply Voltage
GND
Ground
GPIO Express-00
GPIO assigned to TPM_NV_INDEX_GPIO_00
PP/GPIO
Hardware Physical Presence or GPIO pin.
GPIO
General Purpose Input/Output Pin
MISO
SPI Slave Data Output
MOSI
SPI Slave Data Input
PIRQ#
SPI Interrupt Requests
SPI_CLK
SPI Clock Input
SPI_CS#
SPI Chip Select
SPI_RST#
SPI Reset Pin
TestI
TestI Manufacturing Test Input (Disabled)
TestBI
TestBI Manufacturing Test Input (Disabled)
XTamper
Indicate External Tamper Event
NC
No Connect
GPIO2
GPIO1
V
CC
GND
NC
GPIO Express-00
PP/GPIO
TestI
TestBI/GPIO/XTamper
V
CC
GND
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
NC
MISO
GND
V
CC
MOSI
SPI_CS#
SPI_CLK
PIRQ#
V
CC
GND
GPIO3
SPI_RST#
NC
28-pin TSSOP
4.40mm x 9.70mm Body
0.65mm Pitch
V
CC
GND
GPIO Express-00
PP/GPIO
TestI
TestBI/GPIO/XTamper
NC
V
CC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
MISO
GND
V
CC
MOSI
SPI_CS#
SPI_CLK
PIRQ#
SPI_RST#
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-pin QFN
4.00mm x 4.00mm Body
0.90mm Pitch


Similar Part No. - AT97SC3205_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3205T ATMEL-AT97SC3205T Datasheet
324Kb / 10P
   Trusted Platform Module I2C Interface
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
More results

Similar Description - AT97SC3205_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
   Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204_14 Datasheet
300Kb / 8P
   Trusted Platform Module LPC Interface
AT97SC3205T ATMEL-AT97SC3205T Datasheet
324Kb / 10P
   Trusted Platform Module I2C Interface
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com