Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24CS32 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24CS32
Description  IC-Compatible (2-wire) Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS32 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24CS32_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AT24CS32 [DATASHEET]
Atmel-8869B-SEEPROM-AT24CS32-Datasheet_012014
2
1.
Description
The Atmel® AT24CS32 provides 32,768 bits of Serial Electrically Erasable and Programmable Read-only Memory
(EEPROM) organized as 4,096 words of eight bits each. The device is optimized for use in many industrial and
commercial applications where low-power and low-voltage operation are essential. The AT24CS32 is available in
space-saving, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, and 5-lead SOT23 packages and is accessed via a
2-wire serial interface. Full operation is guaranteed from 1.7V to 5.5V VCC.
The AT24CS32 provides the additional feature of a factory programmed, guaranteed unique 128-bit serial number, while
maintaining all of the traditional features available in the 32-Kbit Serial EEPROM. The time consuming step of performing
and ensuring true serialization of product on a manufacturing line can be removed from the production flow by employing
the CS Series Serial EEPROM. The 128-bit serial number is programmed and permanently locked from future writing
during the Atmel production process. Further, this 128-bit location does not consume any of the user read/write area of
the 32-Kbit Serial EEPROM. The uniqueness of the serial number is guaranteed across the entire CS Series of Serial
EEPROMs, regardless of the size of the memory array or the type of interface protocol. This means that as an
application's needs for memory size or interface protocol evolve in future generations, any previously deployed serial
number from any Atmel CS Series Serial EEPROM part will remain valid.
2.
Pin Descriptions and Pinout
Figure 2-1. Pin Configuration
Note:
For use of 5-lead SOT23, the software A2, A1, and A0 bits in the device address word must be set to
zero to properly communicate with the device.
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
5
4
SCL
GND
SDA
WP
VCC
5-lead SOT23
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-pad UDFN
Bottom View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP


Similar Part No. - AT24CS32_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24CS32-MAHM-E MICROCHIP-AT24CS32-MAHM-E Datasheet
1Mb / 42P
   I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
AT24CS32-MAHM-T MICROCHIP-AT24CS32-MAHM-T Datasheet
1Mb / 42P
   I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
AT24CS32-SSHM-B MICROCHIP-AT24CS32-SSHM-B Datasheet
1Mb / 42P
   I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
AT24CS32-SSHM-T MICROCHIP-AT24CS32-SSHM-T Datasheet
1Mb / 42P
   I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
AT24CS32-STUM-T MICROCHIP-AT24CS32-STUM-T Datasheet
1Mb / 42P
   I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
More results

Similar Description - AT24CS32_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C ATMEL-AT24C08C_14 Datasheet
923Kb / 24P
   IC-Compatible, (2-wire) Serial EEPROM
AT24CS64 ATMEL-AT24CS64_14 Datasheet
812Kb / 22P
   IC-Compatible (2-wire) Serial EEPROM
AT24CM01 ATMEL-AT24CM01_14 Datasheet
885Kb / 21P
   IC-Compatible (2-wire) Serial EEPROM
AT24C01D ATMEL-AT24C01D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24C02D ATMEL-AT24C02D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24HC02C ATMEL-AT24HC02C_14 Datasheet
810Kb / 19P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16C ATMEL-AT24C16C_14 Datasheet
998Kb / 23P
   IC-Compatible, (2-Wire) Serial EEPROM
AT24C32D ATMEL-AT24C32D_14 Datasheet
1Mb / 24P
   IC-Compatible (2-Wire) Serial EEPROM
AT24C08D ATMEL-AT24C08D_14 Datasheet
1Mb / 28P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16D ATMEL-AT24C16D_14 Datasheet
1Mb / 27P
   IC-Compatible (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com