Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-81563-BLK Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # MGA-81563-BLK
Description  0.1- 6 GHz 3 V, 14 dBm Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-81563-BLK Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button MGA-81563-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) MGA-81563-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6-204
SUPPLY VOLTAGE (V)
0
2
4
8
6
18
10
12
14
16
NF
Gain
Power
03
4
5
12
Figure20.Gain,NoiseFigure,and
OutputPowervs.SupplyVoltage.
Some thermal precautions must
be observed for operation at
higher bias voltages. For reliable
operation, the channel tempera-
ture should be kept within the
165
° C indicated in the “Absolute
Maximum Ratings” table. As a
guideline, operating life tests have
established a MTTF in excess of
106 hours for channel tempera-
tures up to 150
° C.
There are several means of biasing
the MGA-81563 at 3 volts in
systems that use higher power
supply voltages. The simplest
method, shown in Figure 21a, is to
use a series resistor to drop the
device voltage to 3 volts. For
example, a 47
Ω resistor will drop
a 5-volt supply to 3 volts at the
nominal current of 42 mA. Some
variation in performance could be
expected for this method due to
variations in current within the
specified 31 to 51 mA min/max
range.
47
(a)
+5 V
Silicon
Diodes
(b)
+5 V
Zener
Diode
(c)
+5 V
Figure21.BiasingFromHigher
SupplyVoltages.
A second method illustrated in
Figure 21b, is to use forward-
biased diodes in series with the
power supply. For example, three
silicon diodes connected in series
will drop a 5-volt supply to
approximately 3 volts.
The use of the series diode
approach has the advantage of
less dependency on current
variation in the amplifiers since
the forward voltage drop of a
diode is somewhat current
independent.
Reverse breakdown diodes (e.g.,
Zener diodes) could also be used
as in Figure 21c. However, care
should be taken to ensure that the
noise generated by diodes in
either Zener or reverse break-
down is adequately filtered (e.g.,
bypassed to ground) such that the
diode’s noise is not added to the
amplifier’s signal.
SOT-363 PCB Footprint
A recommended PCB pad layout
for the miniature SOT-363 (SC-70)
package used by the MGA-81563 is
shown in Figure 22 (dimensions
are in inches). This layout pro-
vides ample allowance for pack-
age placement by automated
assembly equipment without
adding parasitics that could
impair the high frequency RF
performance of the MGA-81563.
The layout is shown with a
nominal SOT-363 package foot-
print superimposed on the PCB
pads.
0.026
0.035
0.075
0.016
Figure22.PCBPadLayout
(dimensionsininches).
SMT Assembly
Reliable assembly of surface
mount components is a complex
process that involves many
material, process, and equipment
factors, including: method of
heating (e.g., IR or vapor phase
reflow, wave soldering, etc.)
circuit board material, conductor
thickness and pattern, type of
solder alloy, and the thermal
conductivity and thermal mass of
components. Components with a
low mass, such as the SOT-363
package, will reach solder reflow
temperatures faster than those
with a greater mass.


Similar Part No. - MGA-81563-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563-BLKG AVAGO-MGA-81563-BLKG Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available
logo
Broadcom Corporation.
MGA-81563-BLKG BOARDCOM-MGA-81563-BLKG Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
More results

Similar Description - MGA-81563-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563 AVAGO-MGA-81563_15 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Broadcom Corporation.
MGA-81563 BOARDCOM-MGA-81563 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
DEMO-MGA-8A BOARDCOM-DEMO-MGA-8A Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-82563 AVAGO-MGA-82563 Datasheet
169Kb / 11P
   0.1??6 GHz 3 V, 17 dBm Amplifier
MGA-82563-TR1G AVAGO-MGA-82563-TR1G Datasheet
169Kb / 11P
   MGA-82563 0.1??6 GHz 3 V, 17 dBm Amplifier
MGA-81563 AVAGO-MGA-81563 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TM060-180-10-14 TRANSCOM-TM060-180-10-14 Datasheet
25Kb / 1P
   6 - 18 GHz 14 dBm Gain Module
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com