Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD10200 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRD10200
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRD10200 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRD10200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD10200 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1317, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRD10200
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
D
= Package type
10
= Forward Current (10A)
200
= Reverse Voltage (200V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBRD10200
DPAK
(Pb-Free)
2500pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward
IF(AV)
50% duty cycle @TC =105°C,
rectangular wave form
10
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
150
A


Similar Part No. - MBRD10200

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MBRD10200 SUNMATE-MBRD10200 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
SHIKUES Electronics
MBRD10200 SKTECHNOLGY-MBRD10200 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
SMC Diode Solutions Co....
MBRD10200 SMCDIODE-MBRD10200 Datasheet
850Kb / 4P
   MBRD10200 SCHOTTKY RECTIFIER
Rev. A
MBRD10200CT SMCDIODE-MBRD10200CT Datasheet
504Kb / 4P
   MBRD10200CT SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
MBRD10200CT SMC-MBRD10200CT Datasheet
214Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBRD10200

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com