Electronic Components Datasheet Search |
|
LSC3300-FP Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
LSC3300-FP Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 7 page 484 Absolute Maximum Ratings Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Limits Parameter Symbol Conditions Min. Max. Units Laser Forward Current If DC - 150 mA Laser Reverse Current Ir DC - 100 µA Laser Reverse Voltage Vlr DC - 2 V Photodiode Reverse Voltage Vr DC - 10 V Photodiode Forward Current Ipf DC - 1 mA Operating Temperature Tc Pf min. -40 +85 °C Storage Temperature Ts -40 +85 °C Relative Humidity RH 0.0 non- %RH condensing Fiber Pull Strength - 10 N Mechanical Shock Mil Std 883D, Method 2002, Condition B Vibration Mil Std 883D, Method 2007, Condition A Performance Specifications LSC3300 LSC3100 Parameter Symbol Conditions Min. Max. Min. Max. Units LASER CW, Tc = 25 °C, Pf = Pf min. unless otherwise stated Threshold Current Ith 5 35 5 35 mA Peak Optical Pf 100 - 1000 - µW Output Power Optical Output Pth Pth = Pf @ Ith -2 mA - 10 - 50 µW Power Slope Efficiency η 4 16 40 100 µW/mA Forward Voltage Vf - 1.8 - 1.8 V Differential Rd dV/dI - 10 - 10 Ω Resistance Centre Wavelength λc Note 1 1280 1330 1280 1330 nm Ic Change with ∆λ/∆T Tc = -40 °C to 85°C - 0.5 - 0.5 nm/ °C Temperature Linewidth ∆λ FWHM (2.35s) - 5 - 5 nm Rise Time τr 10% to 90%: Ith to Pf = Pf min. - 0.5 - 0.5 ns Fall Time τf 90% to 10%: Pf = Pf min. to Ith - 0.5 - 0.5 ns Small Signal Bw Pf = Pf min., ± 3 dB 1.0 - 1.0 - GHz Freq. Response Note: 1. Modulated measurement available. If the specific performance you require is not met by the above parameters, please contact Hewlett-Packard as the submodule designs allows customization of performance to meet your needs. |
Similar Part No. - LSC3300-FP |
|
Similar Description - LSC3300-FP |