Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVA-05208 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # IVA-05208
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IVA-05208 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  IVA-05208 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IVA-05208 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IVA-05208 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IVA-05208 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-178
IVA-05208 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VCC-Vee
Device Voltage
V
8
Power Dissipation[2,3]
mW
600
Input Power
dBm
+14
Vgc-Vee
V7
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
IVA-05208 Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions:[2]
Units
Min.
Typ.
Max.
VCC = 5 V, Vee = 0 V, Vgc = 0 V, ZO = 50
Gp
Power Gain (|S21|2)
f = 0.5 GHz
dB
25
30
∆Gp
Gain Flatness
f = 0.05 to 1.0 GHz
dB
± 0.8
f3dB
3 dB Bandwidth[3]
GHz
1.2
1.8
GCR
Gain Control Range[4]
f = 0.5 GHz
dB
25
30
Vgc = 0 to 5 V
ISO
Reverse Isolation (|S21|2)
f = 0.5 GHz
dB
45
Vgc = 0 to 5 V
Input VSWR
f = 0.05 to 1.5 GHz
2.0:1
VSWR
Vgc = 0 to 5 V
Output VSWR
f = 0.05 to 1.5 GHz
2.5:1
Vgc = 0 to 5 V
NF
50
Ω Noise Figure
f = 0.5 GHz
dB
9
P1dB
Output Power at 1 dB Gain
f = 0.5 GHz
dBm
-3
Compression
VOUT
Peak-to-Peak Single-Ended
f = 0.5 GHz
mVpp
450
Output Voltage
IP3
Output Third Order Intercept Point
f = 0.5 GHz
dBm
7
tD
Group Delay
f = 0.5 GHz
psec
400
ICC
Supply Current
mA
25
35
50
Thermal Resistance[2]:
θ
jc = 150°C/W
Notes:
1. Permanent damage may occur is any of
these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 6.67 mW/
°C for T
C > 60°C.
Notes:
1. The recommended operating voltage range for this device is 4 to 6 V. Typical performance as a function of voltage is on the following
page.
2. As measured using Input Pin 1 and Output Pin 6, with Output Pin 7 terminated into 50 ohms and Input Pin 4 at AC ground.
3. Referenced from 50 MHz Gain.
4. The recommended gain control range for these devices for dynamic control is 0 to 4.2 V. Operation at gain control settings above 4.2V
may result in gain increase rather than gain decrease.


Similar Part No. - IVA-05208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
More results

Similar Description - IVA-05208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
   Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com