Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE10273M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQE10273M
Description  Metallized Polyester Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE10273M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE10273M Datasheet HTML 1Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 2Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 3Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 4Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 5Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 6Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 7Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 8Page - Panasonic Semiconductor ECQE10273M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
±5%(J), ±10%(K)
±5%(J), ±10%(K)
Part No.
0.01
12.0
4.5
7.5
12.5
10.0
10.0
1.0
0.60
0.012
12.0
4.5
7.8
12.8
10.0
10.0
1.0
0.60
0.015
12.0
5.0
8.2
13.2
10.0
10.0
1.0
0.60
0.018
12.0
4.9
10.0
15.0
10.0
10.0
1.0
0.60
0.022
12.0
5.3
10.5
15.5
10.0
10.0
1.0
0.60
0.027
12.0
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.033
12.0
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.039
12.0
6.0
13.4
18.4
10.0
10.0
1.0
0.60
0.047
12.0
6.5
13.5
18.5
10.0
10.0
1.0
0.60
0.056
18.5
5.4
10.5
15.5
15.0
10.0
1.0
0.60
0.068
18.5
5.8
11.0
16.0
15.0
10.0
1.0
0.60
0.082
18.5
6.5
12.0
17.0
15.0
10.0
1.0
0.60
0.1
18.5
6.3
14.0
19.0
15.0
10.0
1.0
0.60
0.12
18.5
6.3
14.5
19.5
15.0
10.0
1.0
0.80
0.15
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.18
18.5
8.0
16.0
21.0
15.0
10.0
1.0
0.80
0.22
18.5
9.0
16.5
21.5
15.0
10.0
1.0
0.80
0.27
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.33
26.0
7.8
17.0
22.0
22.5
15.0
1.0
0.80
0.39
26.0
8.5
17.9
22.9
22.5
15.0
1.0
0.80
0.47
26.0
9.3
18.5
23.5
22.5
15.0
1.0
0.80
0.56
26.0
10.0
20.0
25.0
22.5
15.0
1.5
0.80
0.68
26.0
11.5
21.0
26.0
22.5
15.0
1.5
0.80
0.82
31.0
11.3
20.5
25.5
27.5
22.5
1.5
0.80
1.0
31.0
12.5
21.9
26.9
27.5
22.5
1.5
0.80
1.2
31.0
13.5
23.0
28.0
27.5
22.5
1.5
0.80
1.5
31.0
15.3
24.7
29.7
27.5
22.5
1.5
0.80
1.8
31.0
16.8
27.0
32.0
27.5
22.5
1.5
0.80
2.2
31.0
19.5
29.0
34.0
27.5
22.5
1.5
0.80
ECQE6103
MF(
)
ECQE6123
MF(
)
ECQE6153
MF(
)
ECQE6183
MF(
)
ECQE6223
MF(
)
ECQE6273
MF(
)
ECQE6333
MF(
)
ECQE6393
MF(
)
ECQE6473
MF(
)
ECQE6563
MF(
)
ECQE6683
MF(
)
ECQE6823
MF(
)
ECQE6104
MF(
)
ECQE6124
MF(
)
ECQE6154
MF(
)
ECQE6184
MF(
)
ECQE6224
MF(
)
ECQE6274
MF(
)
ECQE6334
MF(
)
ECQE6394
MF(
)
ECQE6474
MF(
)
ECQE6564
MF(
)
ECQE6684
MF(
)
ECQE6824
MF(
)
ECQE6105
MF(
)
ECQE6125
MF(
)
ECQE6155
MF(
)
ECQE6185
MF(
)
ECQE6225
MF(
)
Cap.
(µF)
Quantity.
Standard
5mm
Odd size
5mm
Odd size
7.5mm
1,000
1,000
500
400
300
1,000
500
400
——
500
Dimensions (mm)
L max.
T max.
FS
Type-1 Type-2,3
ø d
H max.
Type-1 Type-2,3
G max.
Type-1
Part No.
0.01
10.3
4.3
7.4
12.4
7.5
7.5
1.0
0.60
0.012
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.015
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.018
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.022
10.3
4.8
7.9
12.9
7.5
7.5
1.0
0.60
0.027
10.3
5.5
8.0
13.0
7.5
7.5
1.0
0.60
0.033
10.3
6.0
9.0
14.0
7.5
7.5
1.0
0.60
0.039
12.0
4.9
8.0
13.0
10.0
10.0
1.0
0.60
0.047
12.0
5.0
8.3
13.3
10.0
10.0
1.0
0.60
0.056
12.0
5.0
10.0
15.0
10.0
10.0
1.0
0.60
0.068
12.0
5.4
10.5
15.5
10.0
10.0
1.0
0.60
0.082
12.0
5.8
11.0
16.0
10.0
10.0
1.0
0.60
0.1
12.0
6.3
12.0
17.0
10.0
10.0
1.0
0.60
0.12
18.5
5.0
10.0
15.0
15.0
10.0
1.0
0.60
0.15
18.5
5.0
12.4
17.4
15.0
10.0
1.0
0.60
0.18
18.5
5.4
12.5
17.5
15.0
10.0
1.0
0.60
0.22
18.5
5.9
13.0
18.0
15.0
10.0
1.0
0.60
0.27
18.5
6.5
14.3
19.3
15.0
10.0
1.0
0.80
0.33
18.5
7.0
14.9
19.9
15.0
10.0
1.0
0.80
0.39
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.47
18.5
7.8
17.0
22.0
15.0
10.0
1.0
0.80
0.56
26.0
6.5
16.0
21.0
22.5
15.0
1.0
0.80
0.68
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.82
26.0
7.9
17.3
22.3
22.5
15.0
1.0
0.80
1.0
26.0
8.5
18.0
23.0
22.5
15.0
1.0
0.80
1.2
26.0
9.5
18.9
23.9
22.5
15.0
1.0
0.80
1.5
31.0
9.5
19.0
24.0
27.5
22.5
1.0
0.80
1.8
31.0
11.0
20.5
25.5
27.5
22.5
1.5
0.80
2.2
31.0
11.0
22.0
27.0
27.5
22.5
1.5
0.80
ECQE4103
MF(
)
ECQE4153
MF(
)
ECQE4183
MF(
)
ECQE4223
MF(
)
ECQE4273
MF(
)
ECQE4333
MF(
)
ECQE4393
MF(
)
ECQE4473
MF(
)
ECQE4563
MF(
)
ECQE4683
MF(
)
ECQE4823
MF(
)
ECQE4104
MF(
)
ECQE4124
MF(
)
ECQE4154
MF(
)
ECQE4184
MF(
)
ECQE4224
MF(
)
ECQE4274
MF(
)
ECQE4334
MF(
)
ECQE4394
MF(
)
ECQE4474
MF(
)
ECQE4564
MF(
)
ECQE4684
MF(
)
ECQE4824
MF(
)
ECQE4105
MF(
)
ECQE4125
MF(
)
ECQE4155
MF(
)
ECQE4185
MF(
)
ECQE4225
MF(
)
Cap.
(µF)
Quantity.
1,000
500
500
500
400
——
1,000
Dimensions (mm)
L max.
T max.
FS
Type-1 Type-2,3
ø d
H max.
Type-1 Type-2,3
G max.
Type-1
Standard
5mm
Odd size
5mm
Odd size
7.5mm
StyleN,StyleD:0.01 to 1.0 µF
StyleT,StyleB:0.12 to 2.2 µF
StyleN,StyleD:0.01 to 0.047 µF
StyleT,StyleB:0.056 to 2.2 µF
Suffix for lead crimped or taped type
Cap. tol. code
ECQE4123
MF(
)
●Rated voltage: 400VDC , Capacitance tolerance:
● Rated voltage: 630VDC, Capacitance tolerance:


Similar Part No. - ECQE10273M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE10273MF PANASONIC-ECQE10273MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE10273MF PANASONIC-ECQE10273MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE10273MF PANASONIC-ECQE10273MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE10273MF PANASONIC-ECQE10273MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE10273MF PANASONIC-ECQE10273MF Datasheet
173Kb / 9P
   Self-healing property
More results

Similar Description - ECQE10273M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com