Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA-50311-BLK Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # INA-50311-BLK
Description  1 GHz Low Noise Silicon MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-50311-BLK Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  INA-50311-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-50311-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-50311-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-50311-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-50311-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6-146
Description
Hewlett-Packard’s INA-50311 is a
Silicon monolithic amplifier that
offers excellent gain and noise
figure for applications to 1.0 GHz.
Packaged in a miniature SOT-143
package, it requires very little
board space.
The INA-50311 uses a topology
which is internally biased,
eliminating the need for external
components and providing
decreased sensitivity to ground
inductance.
The INA-50311 is fabricated using
HP’s 30 GHz fMAX ISOSAT
TM
Silicon bipolar process which
uses nitride self-alignment sub-
micrometer lithography, trench
isolation, ion implantation, gold
metallization, and polyimide
intermetal dielectric and scratch
protection to achieve superior
performance, uniformity, and
reliability.
1 GHz Low Noise Silicon MMIC
Amplifier
Technical Data
INA-50311
Features
• Internally Biased, Single 5 V
Supply (17 mA)
• 19 dB Gain
• 3.6 dB NF
• Unconditionally Stable
Applications
• Amplifier for Cellular,
Cordless, Special Mobile
Radio, PCS, ISM, Wireless
LAN, and TV Tuner
Applications
SOT-143 Surface Mount
Package
RF
INPUT
VCC
RF
OUTPUT
GROUND
Pin Connections and
Package Marking
Equivalent Circuit (Simplified)
GND
OUTPUT
INPUT
VCC
5963-6680E


Similar Part No. - INA-50311-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-51063-BLK HP-INA-51063-BLK Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-51063-TR1 HP-INA-51063-TR1 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
INA-52063-BLK HP-INA-52063-BLK Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
More results

Similar Description - INA-50311-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
IXYS Corporation
MLA-01122B-C4 IXYS-MLA-01122B-C4 Datasheet
235Kb / 4P
   1 - 12 GHz Packaged Low-Noise MMIC Amplifier
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
   1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC753LP4E HITTITE-HMC753LP4E_11 Datasheet
1,015Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4 HITTITE-HMC753LP4_09 Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC-ALH444 HITTITE-HMC-ALH444_10 Datasheet
197Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC753LP4E HITTITE-HMC753LP4E Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com