Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMG-T600 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMG-T600
Description  Surface Mount LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-T600 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMG-T600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-T600 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1-206
Absolute Maximum Ratings at T
A = 25°C
DH AS
High
High
AlGaAs
Efficiency
Perf.
Emerald
Parameter
Red
Red
Orange
Yellow
Green
Green
Units
DC Forward
30
30
30
30
30
30
mA
Current[1]
Peak Forward
300
90
90
60
90
90
mA
Current[2]
Average
20
25
25
20
25
25
mA
Forward
Current[2]
LED Junction
95
°C
Temperature
Transient
Forward
Current[3]
(10
µs Pulse)
500
mA
Reverse Voltage
5
V
(IR = 100 mA)
Operating
-40 to +85
-20 to +85
°C
Temperature
Range
Storage
-40 to +85
°C
Temperature
Range
Reflow Soldering
Temperature
Convective IR
235
°C Peak, above 185°C for 90 seconds.
Vapor Phase
215
°C for 3 minutes.
Notes:
1. Derate dc current linearly from 50
°C: For AlGaAs red, high efficiency red, and green devices at 0.67 mA/°C. For yellow devices at
0.44 mA/
°C.
2. Refer to Figure 5 showing Maximum Tolerable Peak Current vs. Pulse duration to establish pulsed operating conditions.
3. The transient peak current is the maximum non-recurring peak current the device can withstand without damaging the LED die and
wire bond. The device should not be operated at peak currents above the Absolute Maximum Peak Forward Current.


Similar Part No. - HSMG-T600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMG-A100 HP-HSMG-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMG-A100 HP-HSMG-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMG-A100 BOARDCOM-HSMG-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMG-A100-G31J2 HP-HSMG-A100-G31J2 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-A100-G31J2 AVAGO-HSMG-A100-G31J2 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMG-T600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com