Electronic Components Datasheet Search |
|
HFBR2464TB Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HFBR2464TB Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 31 page 54 Options In addition to the various port styles available for the HFBR- 0400 series products, there are also several extra options that can be ordered. To order an option, simply place the corre- sponding option number at the end of the part number. For instance, a metal-port option SMA receiver would be HFBR-2406M. You can add any number of options in series at the end of a part number. Please contact your local sales office for further information or browse HP’s fiber optics home page at http:// www.hp.com/go/fiber Option T (Threaded Port Option) • Allows ST style port com- ponents to be panel mounted. • Compatible with all current makes of ST multimode connectors • Mechanical dimensions are compliant with MIL-STD- 83522/13 • Maximum wall thickness when using nuts and washers from the HFBR-4411 hardware kit is 2.8 mm (0.11 inch) • Available on all ST ports Option C (Conductive Port Receiver Option) • Designed to withstand electro- static discharge (ESD) of 25kV to the port • Significantly reduces effect of electromagnetic interference (EMI) on receiver sensitivity • Allows designer to separate the signal and conductive port grounds • Recommended for use in noisy environments • Available on SMA and threaded ST port style receivers only Option M (Metal Port Option) • Nickel plated aluminum con- nector receptacle • Designed to withstand electro- static discharge (ESD) of 15kV to the port • Significantly reduces effect of electromagnetic interference (EMI) on receiver sensitivity • Allows designer to separate the signal and metal port grounds • Recommended for use in very noisy environments • Available on SMA, FC, ST, and threaded ST ports Option K (Kinked Lead Option) • Grounded outside 4 leads are “kinked” • Allows components to stay anchored in the PCB during wave solder and aqueous wash processes Options TA, TB, HA, HB (Active Device Mount Options) (These options are unrelated to the threaded port option T.) • All metal, panel mountable package with a 3 or 4 pin receptacle end • Available for HFBR-14X4, 24X2 and 24X6 components • Choose from diamond or square pinout, straight or bent leads ADM Picture • TA = Square pinout/straight leads TB = Square pinout/bent leads HA = Diamond pinout/straight leads HB = Diamond pinout/bent leads Duplex Option In addition to the standard options, some HFBR-0400 series products come in a duplex con- figuration with the transmitter on the left and the receiver on the right. This option was designed for ergonomic and efficient manufacturing. The following part numbers are available in the duplex option: HFBR-5414 (Duplex ST) HFBR-5414T (Duplex Threaded ST) HFBR-54E4 (Duplex SC) 45 36 27 36 27 18 45 18 |
Similar Part No. - HFBR2464TB |
|
Similar Description - HFBR2464TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |