Electronic Components Datasheet Search |
|
ECQ-E10223KE Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECQ-E10223KE Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 14 page Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Plastic Film Capacitors Blank Type 1 Straight B Type 2 Crimped lead W Type 3 3 Ammo Crimped taping 6 Ammo Crimped taping 9 Reel Crimped taping Metallized Polyester Film Capacitor Type: ECQE(F) Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating ■Features •Self-healing property •Excellent electrical characteristics •Flame retardant epoxy resin coating ■Recommended Applications •General purpose usage ✕ ....Please contact us when applications are CD , ignitor etc. ■Explanation of Part Numbers 123456789 10 11 12 E C Q E Product code Dielectric & construction Rated volt. Capacitance F Cap. Tol. Suffix Suffix 1 2 4 6 100VDC 250VDC 400VDC 630VDC 10 12 1000VDC 1250VDC J K M ±5% ±10% ±20% E C Q E Product code Dielectric & construction Rated volt. Capacitance R Suffix Cap. Tol. Suffix ■Specifications Category temp. range Rated voltage Capacitance range Capacitance tolerance Dissipation factor Withstand voltage Insulation resistance –40 to +85˚C (+105˚C......75% of Rated voltage) 0.001 to 10µF(E-12) ±5%(J), ±10%(K), ±20%(M) 1.0%max. (20˚C, 1kHz) •Rated volt. 100V to 630VDC Between terminals : Rated volt.(VDC)✕150% 60s •Rated volt. 1000VDC,1250VDC Between terminals : Rated volt.(VDC)✕175% 2 to 5s or 1000VAC 60s Between terminals to enclosure : 1500VAC 60s 100V to 630VDC: C < = 0.33µF : 9000M Ωmin. (20˚C, 100VDC 60s) C > 0.33µF : 3000M Ω . µFmin. 1000VDC, 1250VDC: 10000M Ωmin. (20˚C, 100VDC 60s) 2000M Ωmin. (20˚C, 500VDC 60s) ●Explanation of Part Number for Odd Size Taping 100VDC, 250VDC,400VDC, 630VDC, 1000VDC, 1250VDC |
Similar Part No. - ECQ-E10223KE |
|
Similar Description - ECQ-E10223KE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |