Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAM-91563-BLK Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # IAM-91563-BLK
Description  0.8-6 GHz 3V Downconverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-91563-BLK Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button IAM-91563-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) IAM-91563-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7-141
or maximum values. For the
IAM-91563, these parameters are:
Conversion Gain (Gtest), Noise
Figure (NFtest), and Device
Current (Id). Each of these
guaranteed parameters is 100%
tested.
Values for most of the parameters
in the table of Electrical Specifica-
tions that are described by typical
data are the mathematical mean
(
µ), of the normal distribution
taken from the characterization
data. For parameters where
measurements or mathematical
averaging may not be practical,
such as the Typical Reflection
Coefficients table or performance
curves, the data represents a
nominal part taken from the
“center” of the characterization
distribution. Typical values are
intended to be used as a basis for
electrical design.
To assist designers in optimizing
not only the immediate circuit
using the IAM-91563, but to also
optimize and evaluate trade-offs
that affect a complete wireless
system, the standard deviation
(
σ) is provided for many of the
Electrical Specifications param-
eters (at 25
°) in addition to the
mean. The standard deviation is a
measure of the variability about
the mean. It will be recalled that a
normal distribution is completely
described by the mean and
standard deviation.
Standard statistics tables or
calculations provide the probabil-
ity of a parameter falling between
any two values, usually symmetri-
cally located about the mean.
Referring to Figure 12 for ex-
ample, the probability of a param-
eter being between
± 1σ is 68.3%;
between
± 2σ is 95.4%; and be-
tween
± 3σis99.7%.
68%
95%
99%
Parameter Value
Mean (
µ)
(typical)
-3
σ -2σ -1σ
+1
σ +2σ +3σ
Figure 19. Normal Distribution.
Phase Reference Planes
The positions of the reference
planes used to specify Reflection
Coefficients for this device are
shown in Figure 20. As seen in the
illustration, the reference planes
are located at the point where the
package leads contact the test
circuit.
TEST CIRCUIT
REFERENCE
PLANES
Figure20.PhaseReferencePlanes.
RF Layout
An RF layout similar to the one in
Figure 21 is suggested as a
starting point for microstripline
designs using the IAM-91563
mixer. This layout shows the
capacitor for the Source Bypass
pin and the optional resistor used
to increase bias current. Adequate
grounding is important to obtain
maximum performance and to
maintain stability. Both of the
ground pins of the MMIC should
be connected to the RF
groundplane on the backside of
the PCB by means of plated
through holes (vias) that are
placed near the package termi-
nals. As a minimum, one via
should be located next to each of
the ground pins to ensure good RF
grounding. It is a good practice to
use multiple vias to further
minimize ground path inductance.
C
R
Figure21.RFLayout.
It is recommended that the PCB
pads for the ground pins not be
connected together underneath
the body of the package. PCB
traces hidden under the package
cannot be adequately inspected
for SMT solder quality.
PCB Material
FR-4 or G-10 printed circuit board
materials are a good choice for
most low cost wireless applica-
tions. Typical board thickness is
0.020 to 0.031 inches. Thicknesses
greater than 0.031 inch began to
introduce excessive inductance in
the ground vias. The width of the
50
Ω microstriplines on PC boards
in this thickness range is also very
convenient for mounting chip
components such as the series
inductor at the input or DC
blocking and bypass capacitors.
For applications using higher
frequencies such as the 5.8 GHz
ISM band, the additional cost of
PTFE/glass dielectric materials
may be warranted to minimize
transmission line loss at the
mixer’s RF input. An additional
consideration of using lower cost


Similar Part No. - IAM-91563-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-91563-BLK HP-IAM-91563-BLK Datasheet
219Kb / 16P
   IAM91563
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563-BLK1 AVAGO-IAM-91563-BLK1 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
IAM-91563-BLKG AVAGO-IAM-91563-BLKG Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
More results

Similar Description - IAM-91563-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
   10 GHz ??15.4 GHz Downconverter
TGC1411 TRIQUINT-TGC1411 Datasheet
370Kb / 5P
   0.3 - 10 GHz Downconverter
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com