Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMG-H670 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMG-H670
Description  Surface Mount Flip Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-H670 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMG-H670 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-H670 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings at T
A = 25°C
Parameter
HSMX-H670
HSMX-H690
Units
DC Forward Current[1]
20
20
mA
Power Dissipation
50
50
mW
Reverse Voltage (I
R = 100 µA)
5
5
V
Operating Temperature Range
-40 to +85
-40 to +85
°C
Storage Temperature Range[2]
-40 to +85
-40 to +85
°C
Notes:
1. Derate linearly as shown in Figure 4 for temperatures above 25
°C.
2. Maximum temperature for tape and reel packaging is 60
°C.
Package Dimensions
CATHODE MARK
2.00
(0.079)
1.10
(0.043)
0.50 (0.020)
0.40 (0.016)
1.25
(0.049)
1.27
(0.050)
POLARITY
0.48 (0.019)
0.40
(0.016)
HSMX-H670 Series
HSMX-H690 Series
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. TOLERANCE, UNLESS OTHERWISE SPECIFIED,
± 0.1 mm (± 0.004 INCH).
3. THE LEADS ARE GOLD PLATED; PLATING THICKNESS IS: GOLD – 0.05
MICRONS, NICKEL – 3 MICRONS, COPPER –18 MICRONS.
,



0.60
0.30
1.00
POLARITY
0.80
1.60
BOTTOMSIDE CATHODE MARK
TOPSIDE
CATHODE
MARK


Similar Part No. - HSMG-H670

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMG-A100 HP-HSMG-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMG-A100 HP-HSMG-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMG-A100 BOARDCOM-HSMG-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMG-A100-G31J2 HP-HSMG-A100-G31J2 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-A100-G31J2 AVAGO-HSMG-A100-G31J2 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMG-H670

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com