Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E150TH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # E150TH
Description  Industrial Control Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E150TH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  E150TH Datasheet HTML 1Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 2Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 3Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 4Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 5Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
192
Selection Tables: International Series - continued
group 3 – 208/240/415/480/600 * Volt primary, 120 Volt secondary, 50/60 Hz
200/230/400/460/575 * Volt primary, 115 Volt secondary, 50/60 Hz
220/277 */380 Volt primary, 110 Volt secondary, 50/60 Hz
Continuous
Va
instantaneous
Va **
Catalog
Number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg Width
W1 / W2 - in (mm)
mtg depth
d1 / d2 - in (mm)
slot size
s1/s2 - in (mm)
approx.
ship Weight
lbs (kg)
H4
H3
X2
H1
0
50/60 Hz
X3
X4
120 (415/208)
115 (400/200)
110 (380)
H2
X1
120 (480/240)
115 (460/230)
110 (220)
120 (600)
115 (575)
110 (277)
200-277
H3
H1
H2 H4
380-600
H3
H1
H2 H4
60 Hz
Only
50
93
e050tF
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.08 x 12.7 / 5.08 x 12.7)
4.0 (1.82)
100
205
e100tF
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 73.0)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.38)
8.0 (3.67)
150
390
e150tF
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.38)
11.0 (5.00)
250
630
e250tF
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71 / .31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
15.0 (6.82)
500
1200
e500tF
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
30.0 (13.64)
750
2290
e750tF
5.56
(141.2)
6.38
(162.1)
7.36
(187.0)
5.32 / 4.37
(135.1 / 111.0)
4.68 / 6.18
(118.9 / 157.0)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
34.0 (15.45)
* 60 Hz Only.
** At 50% PF (Power Factor), 95% Nominal Secondary Voltage.
group 4 – 240/415/480 Volt primary, 120/240 Volt secondary, 50/60 Hz
230/400/460 Volt primary, 115/230 Volt secondary, 50/60 Hz
220/380/440 Volt primary, 110/220 Volt secondary, 50/60 Hz
Continuous
Va
instantaneous
Va*
Catalog
Number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg Width
W1 / W2
in (mm)
mtg depth
d1 / d2
in (mm)
slot size
s1/s2 - in (mm)
approx.
ship Weight
lbs (kg)
440/460/480
H4
H3
H2
380/400/415
220/230/240
H1
0
0
50/60 Hz
X3
X4
230 (460/400/230)
240 (480/415/240)
220 (440/380/220)
120 (480/415/240)
115 (460/400/230)
110 (440/380/220)
X3
X1
X2 X4
X3
X1
X2 X4
X2
X1
50
110
e050tH
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.08 x 12.7 / 5.08 x 12.7)
4.0 (1.82)
100
235
e100tH
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 73.0)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.38)
8.0 (3.67)
150
470
e150tH
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.38)
11.0 (5.00)
250
730
e250tH
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .81 / .31 x .85
(7.9 x 20.59 / 7.9 x 18.0)
15.0 (6.82)
500
1670
e500tH
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85 / .31 x .85
(7.9 x 21.59 / 7.9 x 21.59)
30.0 (13.64)
750
2250
e750tH
5.56
(141.2)
6.38
(162.1)
7.36
(187.0)
5.32 / 4.37
(135.1 / 111.0)
4.68 / 6.18
(118.9 / 157.0)
.31 x .85 / .31 x .85
(7.9 x 21.59 / 7.9 x 21.59)
34.0 (15.45)
Note: Fuse holders are not available for these voltage configurations.
* At 50% PF (Power Factor), 95% Nominal Secondary Voltage.
International Series - Fuse Recommendations
Primary Fusing: Consult local Electrical Code. Secondary Fusing: per IEC EN61558-2-2. * See 500 VA fuse rating for MC design.
Va
maximum Current rating of Fuse
24 Vac
115 Vac
230 Vac
50
2
0.5
0.25
100
4
1
0.5
150
6
1.6
0.8
250
10
2
1
500
20
4
2
750
*
6
4
1000
*
8
4
1500
*
12
6
2000
-
16
8
* See 500 VA fuse rating for MC design.


Similar Part No. - E150TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E150 ETC2-E150 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
Gilway Technical Lamp
E150-5V GILWAY-E150-5V Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
General Cable Technolog...
E1502S GENERAL-E1502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1503S GENERAL-E1503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E150TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
   Industrial Control Transformers
SBEDIN ETC2-SBEDIN Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0500-230-12 TALEMA-SFB0500-230-12 Datasheet
151Kb / 1P
   Control Panel Transformers
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
List of Unclassifed Man...
TT2146 ETC2-TT2146 Datasheet
261Kb / 1P
   3 PHASE CONTROL TRANSFORMERS
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com