Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24C04C
Description  IC-Compatible, (2-wire) Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24C04C_14 Datasheet HTML 3Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 4Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 5Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 6Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 7Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 8Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 9Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 10Page - ATMEL Corporation AT24C04C_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Atmel AT24C04C/08C [DATASHEET]
Atmel-8787D-SEEPROM-AT24C04C,08C-Datasheet_042013
5.
Device Operation
Clock and Data Transitions: The SDA pin is normally pulled high with an external device. Data on the SDA pin may
change only during SCL low time periods (see Figure 5-4 on page 9). Data changes during SCL high periods will indicate
a Start or Stop condition as defined below.
Start Condition: A high-to-low transition of SDA with SCL high is a Start condition which must precede any other
command (see Figure 5-5 on page 9).
Stop Condition: A low-to-high transition of SDA with SCL high is a Stop condition. After a read sequence, the Stop
command will place the EEPROM in a standby power mode (see Figure 5-5 on page 9).
Acknowledge: All addresses and data words are serially transmitted to and from the EEPROM in eight bit words. The
EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle.
Standby Mode: The Atmel AT24C04/08C features a low-power standby mode which is enabled:
Upon power-up
After the receipt of the Stop bit and the completion of any internal operations
2-wire Software Reset: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by
following these steps:
1.
Create a start bit condition
2.
Clock nine cycles
3.
Create another start bit followed by stop bit condition as shown below.
The device is ready for next communication after above steps have been completed.
Figure 5-1. Software Reset
SCL
9
Start
Bit
Start
Bit
Stop
Bit
8
3
2
1
SDA
Dummy Clock Cycles


Similar Part No. - AT24C04C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04C-CUM-T ATMEL-AT24C04C-CUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C04C-MAHM-T ATMEL-AT24C04C-MAHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C04C-SSHM-B ATMEL-AT24C04C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
More results

Similar Description - AT24C04C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C ATMEL-AT24C08C_14 Datasheet
923Kb / 24P
   IC-Compatible, (2-wire) Serial EEPROM
AT24CS64 ATMEL-AT24CS64_14 Datasheet
812Kb / 22P
   IC-Compatible (2-wire) Serial EEPROM
AT24CM01 ATMEL-AT24CM01_14 Datasheet
885Kb / 21P
   IC-Compatible (2-wire) Serial EEPROM
AT24C01D ATMEL-AT24C01D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24C02D ATMEL-AT24C02D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24CS32 ATMEL-AT24CS32_14 Datasheet
901Kb / 23P
   IC-Compatible (2-wire) Serial EEPROM
AT24HC02C ATMEL-AT24HC02C_14 Datasheet
810Kb / 19P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16C ATMEL-AT24C16C_14 Datasheet
998Kb / 23P
   IC-Compatible, (2-Wire) Serial EEPROM
AT24C32D ATMEL-AT24C32D_14 Datasheet
1Mb / 24P
   IC-Compatible (2-Wire) Serial EEPROM
AT24C08D ATMEL-AT24C08D_14 Datasheet
1Mb / 28P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16D ATMEL-AT24C16D_14 Datasheet
1Mb / 27P
   IC-Compatible (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com