Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C04B
Description  2-Wire Automotive Temperature Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C04B_14 Datasheet HTML 1Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 2Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 3Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 4Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 5Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 6Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 7Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 8Page - ATMEL Corporation AT24C04B_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
• Low-voltage and Standard-voltage Operation
─ 1.8 (V
CC = 1.8V to 5.5V)
• Internally Organized 512 x 8 (4K), or 1024 x 8 (8K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility
• Write Protect Pin for Hardware Data Protection
• 16-byte Page (4K, 8K) Write Modes
• Partial Page Writes Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
─ Endurance: 1 Million Write Cycles
─ Data Retention: 100 Years
• 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra-Thin Mini-MAP (MLP 2x3), 5-lead
SOT23, 8-lead TSSOP and 8-ball dBGA2 Packages
• Lead-free/Halogen-free
• Die Sales: Wafer Form and Tape and Reel
Description
The AT24C04B/08B provides 4096/8192 bits of serial electrically erasable and
programmable read-only memory (EEPROM) organized as 512/1024 words of 8 bits
each. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operation are essential. The AT24C04B/08B is
available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra-Thin Mini-
MAP (MLP 2x3), 5-lead SOT23, 8-lead TSSOP, and 8-ball dBGA2 packages and is
accessed via a Two-wire serial interface. In addition, the AT24C04B/08B is available in
1.8V (1.8V to 5.5V) version.
Figure 1. Pin Configurations
Pin Name
Description
1
2
3
5
4
SCL
GND
SDA
WP
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
A0
A1
A2
GND
A0
A1
A2
GND
VCC
WP
SCL
SDA
VCC
WP
SCL
SDA
A0
A1
A2
GND
A0
A1
A2
GND
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
4
3
2
1
5
6
7
8
1
2
3
4
8
7
6
5
8-lead SOIC
8-ball dBGA2
8-lead Ultra-Thin
Mini-MAP (MLP 2x3)
8-lead PDIP
5-lead SOT23
Bottom View
Bottom View
8-lead TSSOP
VCC
WP
SCL
SDA
VCC
WP
SCL
SDA
VCC
WP
SCL
SDA
A0 – A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
GND
Ground
V
CC
Power Supply
Note: For use of 5-lead SOT23
4K: The software A2 and A1 bits in the
device address word must be set to zero
to properly communicate.
8K: The software A2 bit in the device
address word must be set to zero to
properly communicate.
5226G–SEEPR–11/09
Two-wire
Serial EEPROM
4K (512 x 8)
8K (1024 x 8)
AT24C04B
AT24C08B
Not Recommended
for New Design.
Replaced by
AT24C04C or
AT24C08C.


Similar Part No. - AT24C04B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B_14 Datasheet
352Kb / 28P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C04B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
770Kb / 19P
   2-wire Automotive Temperature Serial EEPROM
AT24C08B ATMEL-AT24C08B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C64B ATMEL-AT24C64B_14 Datasheet
781Kb / 19P
   2-Wire Automotive Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com