Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01C
Description  2-wire Automotive Temperature Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01C_14 Datasheet HTML 1Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 2Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 3Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 4Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 5Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AT24C01C/02C/04C/08C Automotive [DATASHEET]
Atmel-8819B-SEEPROM-AT24C01C-02C-04C-08C-Auto-Datasheet_072014
2
1.
Pin Configurations and Pinouts
Table 1-1.
Pin Configurations
2.
Absolute Maximum Ratings*
Pin Name
Function
A0
Address Input (1K and 2K)
A1
Address Input (1K, 2K, and 4K)
A2
Address Input (1K, 2K, 4K, and 8K)
GND
Ground
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
VCC
Device Power Supply
Note:
Drawings are not to scale.
8-lead TSSOP
(Top View)
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
A0
A1
A2
GND
8
7
6
5
VCC
WP
SCL
SDA
8-lead SOIC
(Top View)
Operating Temperature . . . . . . . . . . .-55
C to +125C
Storage Temperature . . . . . . . . . . . . .-65
C to +150C
Voltage on Any Pin
With Respect to Ground . . . . . . . . . . .-1.00V to +7.00V
Maximum Operating Voltage . . . . . . . . . . . . . . . 6.25V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . .5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.


Similar Part No. - AT24C01C_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24C01C-MAHM-E MICROCHIP-AT24C01C-MAHM-E Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C01C-MAHM-T MICROCHIP-AT24C01C-MAHM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C01C-PUM MICROCHIP-AT24C01C-PUM Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C01C-SSHM-B MICROCHIP-AT24C01C-SSHM-B Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C01C-SSHM-T MICROCHIP-AT24C01C-SSHM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results

Similar Description - AT24C01C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com