Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01B
Description  2-Wire Automotive Temperature Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01B_14 Datasheet HTML 1Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 2Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 3Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 4Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
5156E–SEEPR–10/08
AT24C01B
Note:
1. This parameter is ensured by characterization only.
Table 2-3.
AC Characteristics
Applicable over recommended operating range from T
AI = 40Cto+85C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
1.8, 2.5, 2.7
5.0-volt
Units
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
400
1000
kHz
t
LOW
Clock Pulse Width Low
1.2
0.4
µs
t
HIGH
Clock Pulse Width High
0.6
0.4
µs
t
I
Noise Suppression Time
50
40
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
0.05
0.55
µs
t
BUF
Time the bus must be free before a new transmission can start
1.2
0.5
µs
t
HD.STA
Start Hold Time
0.6
0.25
µs
t
SU.STA
Start Setup Time
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Setup Time
100
100
ns
t
R
Inputs Rise Time(1)
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
100
ns
t
SU.STO
Stop Setup Time
0.6
.25
µs
t
DH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
5
5
ms
Endurance(1)
5.0V, 25
C, Byte Mode
1 Million
Write
Cycles


Similar Part No. - AT24C01B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C01B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
770Kb / 19P
   2-wire Automotive Temperature Serial EEPROM
AT24C04B ATMEL-AT24C04B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C08B ATMEL-AT24C08B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C64B ATMEL-AT24C64B_14 Datasheet
781Kb / 19P
   2-Wire Automotive Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com