Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39528-3044 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39528-3044
Description  5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 44 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39528-3044 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39528-3044 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39528-3044
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Vertical PCB Dual Level Header, Closed Ends, 44 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39528
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350827485
Physical
Circuits (Loaded)
44
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
2
Orientation
Vertical
PC Tail Length
5.00mm
PCB Thickness - Recommended
3.05mm
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39528-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39528Series
Mates With
39520 Horizontal Plug, 39523 Vertical Plug,
Most 5.00mm Pitch Industry Standard Plugs
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39528-3044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39528-3040 MOLEX11-39528-3040 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 40 Circuits
39528-3042 MOLEX11-39528-3042 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 42 Circuits
39528-3046 MOLEX11-39528-3046 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 46 Circuits
39528-3048 MOLEX11-39528-3048 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 48 Circuits
More results

Similar Description - 39528-3044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39538-3044 MOLEX11-39538-3044 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Closed Ends, 44 Circuits
39528-3018 MOLEX11-39528-3018 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 18 Circuits
39528-3026 MOLEX11-39528-3026 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 26 Circuits
39528-3030 MOLEX11-39528-3030 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 30 Circuits
39528-3012 MOLEX11-39528-3012 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 12 Circuits
39528-3014 MOLEX11-39528-3014 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 14 Circuits
39528-3036 MOLEX11-39528-3036 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 36 Circuits
39528-3020 MOLEX11-39528-3020 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 20 Circuits
39528-3024 MOLEX11-39528-3024 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 24 Circuits
39528-3022 MOLEX11-39528-3022 Datasheet
45Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Dual Level Header, Closed Ends, 22 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com