Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39530-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39530-0009
Description  5.08mm Pitch Eurostyle Horizontal Plug, 9 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39530-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39530-0009 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39530-0009
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Horizontal Plug, 9 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39530
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350531313
Physical
Circuits (Loaded)
9
Entry Angle
Vertical
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001, RPS-39500-001
Sales Drawing
SD-39530-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39530Series
Mates With
39531 Vertical PCB Header, 39532
Horizontal PCB Header, 39538 Dual Level
PCB Header, Open Ends, Most 5.08mm
Pitch Industry Standard PCB Headers
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39530-0009

ManufacturerPart #DatasheetDescription
logo
MolexKits
39530-0002 MOLEXKITS-39530-0002 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
logo
Molex Electronics Ltd.
39530-0002 MOLEX11-39530-0002 Datasheet
40Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 2 Circuits
logo
MolexKits
39530-0003 MOLEXKITS-39530-0003 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
logo
Molex Electronics Ltd.
39530-0003 MOLEX11-39530-0003 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 3 Circuits
logo
MolexKits
39530-0004 MOLEXKITS-39530-0004 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
More results

Similar Description - 39530-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39500-0009 MOLEX11-39500-0009 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, 9 Circuits
39510-0009 MOLEX11-39510-0009 Datasheet
43Kb / 1P
   3.81mm Pitch Eurostyle Horizontal Plug, 9 Circuits
39534-0009 MOLEX11-39534-0009 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 9 Circuits
39532-1009 MOLEX11-39532-1009 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 9 Circuits
39530-0003 MOLEX11-39530-0003 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 3 Circuits
39530-0004 MOLEX11-39530-0004 Datasheet
40Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 4 Circuits
39530-0014 MOLEX11-39530-0014 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 13 Circuits
39530-0021 MOLEX11-39530-0021 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 21 Circuits
39530-0019 MOLEX11-39530-0019 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 19 Circuits
39530-0024 MOLEX11-39530-0024 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 24 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com